Electronic Components Datasheet Search
  English  ▼

X  

STH Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # STH
Description  High Industrial Performance (HIPak) Solid-State Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

STH Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  STH Datasheet HTML 1Page - Teledyne Technologies Incorporated STH Datasheet HTML 2Page - Teledyne Technologies Incorporated STH Datasheet HTML 3Page - Teledyne Technologies Incorporated STH Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STH Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2014 TELEDYNE RELAYS
STH\072014\Q3
Series STH
Output to 50A, 660 Vac
High Industrial Performance (HIPak) Solid-State Relays
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Input Current Range
10
13
Vdc
Must Turn-Off Voltage
2.0
Vdc
Reverse Voltage Protection (R/D)
32
V
Clamping Voltage (R/D)
36
V
Input Immunity (EN1000-4-4)
2
kV
Input Immunity (EN1000-4-5)
2
kV
OUTPUT (LOAD) SPECIFICATIONS
Min
Max
Units
Peak Voltage
STH24DXX
600
Vpeak
STH48DXX
1200
Vpeak
Load Current Range (Resistive)
12 output current
.005
12
Arms
25 output current
.005
25
Arms
35 output current
.005
40
Arms
50 output current
.005
60
Arms
Maximum Surge Current Rating (Non-Repetitive)
12 output current
170
A
25 output current
350
A
35 output current
500
A
50 output current
720
A
On-State Voltage Drop
Up to 25 output current
0.85
V
Above 35 output current
0.9
V
Output Power Dissipation (Max)
12 output current
0.9x0.85xl+0.042xl²
W
25 output current
0.9x0.85xl+0.016xl²
W
35 output current
0.9x0.9xl+0.015xl²
W
50 output current
0.9x0.9xl+0.012xl²
W
Zero-Cross Window (Typical)
±35
Vac
Off-State Leakage Current
1
mA
Turn-On Time (60 Hz)
8.3
Vac
Turn-Off Time (60 Hz)
8.3
Vac
Off-State dv/dt
500
V/ųs
Maximum di/dt (Non-Repetitive)
50
A/ųs
Operating Frequency
0.1
800
Hz
I²T or fuse matching (<10ms)
12 output current
128
A²s
25 output current
600
A²s
35 output current
1250
A²s
50 output current
2500
A²s
Junction-Case Thermal Resistance
12 output current
2.5
°
C/W
25 output current
1.7
°
C/W
35 output current
0.6
°
C/W
50 output current
0.45
°
C/W
Conducted Immunity Level
IEC/EN6100-4-4
(bursts)
2kV criterion B
IEC/EN6100-4-5
(surge)
2kV criterion A (with external VDR)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com