Electronic Components Datasheet Search
  English  ▼

X  

SIL Datasheet(PDF) 1 Page - Meder Electronic

Part # SIL
Description  Single-In-Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

SIL Datasheet(HTML) 1 Page - Meder Electronic

  SIL Datasheet HTML 1Page - Meder Electronic SIL Datasheet HTML 2Page - Meder Electronic SIL Datasheet HTML 3Page - Meder Electronic SIL Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
305
CHARACTERISTICS
MEDER electronic
SIL Series
Single-In-Line
Reed Relays
Single-In-Line Reed Relays reduce the required
space to a minimum. The SIL series is available as
both voltage and current driven (line sense) Reed
Relays. Requiring only half the PCB area of the DIP
or DIL series, the SIL relays offer all the advantages
of Reed Technology. The SIL series is approved
according to EN60950 and offers sufficient distance
in air and creepage paths.
• Approved according to EN60950
• High resistance coils of up to 2000
Ω at 12 VDC
• Line sense relay with pull-in current = 15 mA
• Breakdown voltage coil / contact of up to 4.25 kVDC
All dimensions in mm [inches]
DESCRIPTION
DIMENSIONS
PIN OUT
FEATURES
•
NEW Breakdown voltage of 4200 VDC
• Magnetic shield available
• High resistance version
• Other coil resistances available
• Form B available
L
= No option
M
= With magnetic shield
D
= With diode and
no magnetic shield
Q
= With diode and
with magnetic shield
Part Number Example
SIL12 - 1A72 - 71L
12 is the nominal voltage
1A is the contact form
72 is the switch model
L is the option
ORDER INFORMATION
OPTIONS
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
Y
A
L
E
R
S
E
I
R
E
S
L
A
N
I
M
O
N
E
G
A
T
L
O
V
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
T
U
O
N
I
PS
N
O
I
T
P
O
H
G
I
H
E
C
N
A
T
S
I
S
E
R
N
O
I
S
R
E
V
L
I
S
-
X
X
X
1
-
X
X
1
7
X
X
X
S
N
O
I
T
P
O
,
5
1
,
2
1
,
5
0
*
4
2
*
*
A
,
5
7
,
2
7
,
1
3
4
8
Q
,
D
,
M
,
L
2
1
,
5
0
A
1
1
8
M
,
L
R
H
-
L
C
-
L
I
SA
NA
1-
1
81
7M
A
N
.y
r
o
t
c
a
f
tl
u
s
n
o
c
e
s
a
e
l
P
.
e
l
b
a
li
a
v
a
s
e
c
n
a
t
s
i
s
e
r
li
o
c
r
e
h
t
O
*
.
e
l
b
a
li
a
v
a
B
m
r
o
F
*
*


Similar Part No. - SIL

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
SIL MEDER-SIL Datasheet
290Kb / 4P
Single-In-Line Reed Relays
logo
Rhombus Industries Inc.
SIL-1.5-10 RHOMBUS-IND-SIL-1.5-10 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SIL-1.5-20 RHOMBUS-IND-SIL-1.5-20 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SIL-1.5-50 RHOMBUS-IND-SIL-1.5-50 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
SIL-1.5-55 RHOMBUS-IND-SIL-1.5-55 Datasheet
28Kb / 1P
SIL2 Series Mini-SIP Passive Delay Modules
More results

Similar Description - SIL

ManufacturerPart #DatasheetDescription
logo
Bi technologies
D83C BITECH-D83C Datasheet
483Kb / 4P
Single-In-Line
logo
List of Unclassifed Man...
D25XB ETC2-D25XB Datasheet
349Kb / 3P
Single In-line Package
logo
Shindengen Electric Mfg...
D2SB60A SHINDENGEN-D2SB60A_17 Datasheet
414Kb / 4P
Single In-line Package
D2SBA60 SHINDENGEN-D2SBA60_17 Datasheet
557Kb / 4P
Single In-line Package
D3SB60 SHINDENGEN-D3SB60_17 Datasheet
444Kb / 4P
Single In-line Package
D3SBA60 SHINDENGEN-D3SBA60_17 Datasheet
439Kb / 4P
Single In-line Package
D4SBL20U SHINDENGEN-D4SBL20U_17 Datasheet
615Kb / 4P
Single In-line Package
D5SB60 SHINDENGEN-D5SB60_17 Datasheet
440Kb / 4P
Single In-line Package
D25XB60 SHINDENGEN-D25XB60_17 Datasheet
439Kb / 4P
Single In-line Package
D4SBS6 SHINDENGEN-D4SBS6_17 Datasheet
654Kb / 4P
Single In-line Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com