Electronic Components Datasheet Search
  English  ▼

X  

100SMD Datasheet(PDF) 4 Page - ETAL Group

Part # 100SMD
Description  MICROPROFILE SMD LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

100SMD Datasheet(HTML) 4 Page - ETAL Group

  100SMD Datasheet HTML 1Page - ETAL Group 100SMD Datasheet HTML 2Page - ETAL Group 100SMD Datasheet HTML 3Page - ETAL Group 100SMD Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
100SMD
(Ratings of components independent of circuit).
Certified under the IEC CB Scheme (Certificate
DK-15467) to IEC 60950-1:2005 sub-clauses
1.5, 1.7, 2.9, 2.10, 4.7 and 5.2 (Denmark,
Finland, Germany, Norway, Ireland, Korea,
Spain, Sweden, Switzerland, USA, Canada and
UK national deviations) for a maximum working
voltage of 250Vrms, nominal mains supply
voltage not exceeding 250Vrms and a maximum
operating temperature of +80°
C in Pollution
Degree 2 environment, reinforced insulation.
Short term isolation voltage (2s)
4.6 kVrms,
6.5kVDC
DC current
(avoiding distortion impairment)
Storage temperature
100 A
-40°
C to
+125°
C
Soldering temperature
Profile peak
260°
C
10s
Recommended peak body temperature 245°
C
accordance with IPC/JEDEC J-STD-020.
in
Recognized under the Component Recognition
Program
of
Underwriters
Laboratories
Inc.
to
US
and
Canadian
requirements
CSA C22.2 No. 60950-1/UL60950-1,
Second
Edition, based on IEC 60950-1, Second Edition,
maximum working voltage 250Vrms, Pollution
Degree 2, reinforced insulation.
Manufactured
from
materials
conforming
to
flammability requirements of UL94V-0.
Distance through
reinforced
insulation
0.4mm
minimum.
Construction complies with IEC 60950-1, Second
UL File number E203175.
Additionally, ETAL certifies all transformers as
providing voltage isolation of 3.88kVrms, 5.5kV
DC minimum. All shipments are supported by a
Certificate of Conformity to current applicable
safety standards.
Edition, reinforced
working voltage.
insulation, 250Vrms maximum
100SMD
TR = Tape and Reel
(Blank) = Bulk in tubes.
Carrier tape width 24mm,
500 parts per 13” reel.
British Patent No. 2283195
US Patent No. 5879598
European Patent No. 0725719
© 1997 - 2009 ETAL Group AB.
Reproduction prohibited.
E203175
ETAL Group AB, Box 39, SE-162 11 Vällingby, Sweden
Telephone: +46(0)87593500
Website: www.etalgroup.com
Fax: +46(0)87593540
Email: info.se@etalgroup.com
ETALDOC 1035/1
Page 4 of 4
October 2012
COPYRIGHT
ORDERING CODE
SAFETY
CERTIFICATION
ABSOLUTE MAXIMUM RATINGS
ETAL is the Trade Mark of ETAL Group AB
(wholly owned by KAMIC GROUP). The Trade
Mark ETAL is
registered at the UK Trade
Marks Registry.
Etal Group AB is the owner of the design right
under the Copyright Designs and Patents Act
1988 and no rights or licences are hereby granted
or implied to any third party.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com