Electronic Components Datasheet Search
  English  ▼

X  

320SMD Datasheet(PDF) 2 Page - ETAL Group

Part # 320SMD
Description  MICROPROFILE SMD LINE MATCHING TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

320SMD Datasheet(HTML) 2 Page - ETAL Group

  320SMD Datasheet HTML 1Page - ETAL Group 320SMD Datasheet HTML 2Page - ETAL Group 320SMD Datasheet HTML 3Page - ETAL Group 320SMD Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
320SMD
Electrical
At T = 25°
C and with 600
source and load unless otherwise stated.
°
C
Lumped equivalent circuit parameters as Fig. 1
DCP
Notes:
1.
Third
harmonic
typically
exceeds
other
Equivalent
Fig 1
Circuit
harmonics by 20dB.
Components 100% tested at 6.5 kVDC.
Caution:
do not pass DC through windings.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable
Excludes shipping materials. Components are
dry-packed and sealed as shipped. Handle in
accordance with IPC/JEDEC J-STD-033
procedure for components classified as
IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 5a.
2.
3.
4.
IDEAL
1:1
5.
ETALDOC 1037/1
ETALDOC 894/3
Page 2 of 4
October 2012
May 2009
DC resistance
(3)
Leakage inductance, L
Shunt inductance, Lp
(4)
Shunt loss, Rp
(4)
Primary resistance R
Secondaryresistance RDCS
300Hz 25mV
300Hz 25mV
64
64
-
1.6
5.0
75
75
3.5
-
-
86
86
7.0
-
-
mH
H
k
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
Frequency Response
Return Loss
Harmonic Distortion
(1)
Voltage Isolation
(2)
Operating Range:
Functional
Storage
(5)
f = 1kHz
300Hz – 3.4kHz
Circuit figure 2
200Hz – 4kHz
400Hz, -10dBm on
primary
50Hz/60Hz
DC
-
-
20
-
3.88
5.5
-25
-40
-
-
-
-78
-
-
-
-
2.0
±0.1
-
-62
-
-
+80
+125
dB
dB
dB
dBc
kVrms
kV
°
C
SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com