Electronic Components Datasheet Search
  English  ▼

X  

C13605 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13605
Description  HighBay Lens array
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13605 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13605 Datasheet HTML 1Page - Ledil, Inc. C13605 Datasheet HTML 2Page - Ledil, Inc. C13605 Datasheet HTML 3Page - Ledil, Inc. C13605 Datasheet HTML 4Page - Ledil, Inc. C13605 Datasheet HTML 5Page - Ledil, Inc. C13605 Datasheet HTML 6Page - Ledil, Inc. C13605 Datasheet HTML 7Page - Ledil, Inc. C13605 Datasheet HTML 8Page - Ledil, Inc. C13605 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
PRODUCT DATASHEET
HighBay series
last update 21/4/2016
DETAILS
Product Number
C13605_HB-2X2-RW
Family
HighBay
Type
Lens array
Color
clear
Diameter
50x50 mm
Height
8,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, screw, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
21/04/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XT-E
44 deg
Wide
91 %
1.600
-
XP-G2
48 deg
Wide
91 %
1.400
-
XP-G
50 deg
Wide
89 %
1.300
-
XP-E
51 deg
Wide
89 %
1.400
-
XB-D
46 deg
Wide
88 %
1.600
-
NCSxx19A
49 deg
Wide
90 %
1.500
-
NVSxx19A
52 deg
Wide
88 %
1.300
-
NVSxx19B/NVSxx19C
51 deg
Wide
90 %
1.300
-
NVSxE21A
37 deg
Wide
84 %
1.600
-
Oslon Square PC
50 deg
Wide
90 %
1.400
-
Oslon SSL 80
46 deg
Wide
90 %
1.700
-
Oslon Square Gen3
49 deg
Wide
89 %
1.300
-
PrevaLED Brick DC 2x8
49 deg
Wide
89 %
1.300
-
LH351Z
48 deg
Wide
90 %
1.400
-
Z5M1/Z5M2
49 deg
Wide
90 %
1.400
-
Z8Y15
46 deg
Wide
88 %
1.400
-
Z8Y19
47 deg
Wide
87 %
1.300
-
Z8Y22
45 deg
Wide
93 %
1.200
-
TL1L4
47 deg
Wide
83 %
1.300
-
RLE G1 49x223mm 4000lm xxx EXC OTD
45 deg
Wide
94 %
1.400
-
RLE G1 49x245mm 4000lm xxx EXC OTD
45 deg
Wide
94 %
1.400
-
RLE G1 49x121mm 2000lm xxx EXC OTD
45 deg
Wide
94 %
1.400
-
RLE G1 49x133mm 2000lm xxx EXC OTD
45 deg
Wide
94 %
1.400
-
January 25th 2018 8:15 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13605

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13605 CREE-C13605 Datasheet
3Mb / 45P
HighBay series
More results

Similar Description - C13605

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12361 LEDIL-C12361 Datasheet
7Mb / 123P
HighBay Lens array
C13232 LEDIL-C13232 Datasheet
3Mb / 52P
HighBay Lens array
C13233 LEDIL-C13233 Datasheet
3Mb / 58P
HighBay Lens array
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C14605 LEDIL-C14605 Datasheet
2Mb / 46P
HighBay Lens array
C14606 LEDIL-C14606 Datasheet
3Mb / 66P
HighBay Lens array
C14607 LEDIL-C14607 Datasheet
3Mb / 62P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com