Electronic Components Datasheet Search
  English  ▼

X  

CA12242 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12242
Description  Heidi Assembly
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12242 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12242 Datasheet HTML 1Page - Ledil, Inc. CA12242 Datasheet HTML 2Page - Ledil, Inc. CA12242 Datasheet HTML 3Page - Ledil, Inc. CA12242 Datasheet HTML 4Page - Ledil, Inc. CA12242 Datasheet HTML 5Page - Ledil, Inc. CA12242 Datasheet HTML 6Page - Ledil, Inc. CA12242 Datasheet HTML 7Page - Ledil, Inc. CA12242 Datasheet HTML 8Page - Ledil, Inc. CA12242 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PRODUCT DATASHEET
Heidi series
last update 8/6/2016
DETAILS
Product Number
CA12242_HEIDI-SS
Family
Heidi
Type
Assembly
Color
clear
Diameter
21,6 mm
Height
11,7 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
8/06/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
14 deg
Smooth spo...92 %
7.900
-
XP-G
16 deg
Smooth spo...92 %
5.900
-
XQ-E HI
12 deg
Smooth spo...92 %
10.000
-
XP-G3
sim: 17
Smooth spo...sim: 94 % sim: 7.810 -
LUXEON T
15 deg
Smooth spo...87 %
7.300
-
LUXEON TX
16 deg
Smooth spo...86 %
7.800
-
LUXEON C
13 deg
Smooth spo...87 %
9.800
-
LUXEON Z ES
sim: 13
Smooth spo...sim: 94 % sim: 14.900 -
NCSxx19A
14 deg
Smooth spo...89 %
7.230
-
NVSxx19A
15 deg
Smooth spo...89 %
6.100
-
NVSxx19B/NVSxx19C
18 deg
Smooth spo...87 %
6.000
-
NCSxx19B
15 deg
Smooth spo...86 %
8.500
-
Oslon SSL 80
14 deg
Smooth spo...89 %
7.300
-
Oslon SSL 150
14 deg
Smooth spo...91 %
7.500
-
Oslon Square Gen3
sim: 17
Smooth spo...sim: 94 % sim: 8.300 -
Z5
14 deg
Smooth spo...92 %
6.800
-
Z5M1/Z5M2
14 deg
Smooth spo...91 %
7.900
-
January 25th 2018 8:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12242

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12242 LEDIL-CA12242 Datasheet
5Mb / 8P
~15째 smooth spot beam
CA12242 LEDIL-CA12242_18 Datasheet
5Mb / 8P
~15째 smooth spot beam
logo
Intelligent LED Solutio...
CA12242_HEIDI-SS ILS-CA12242_HEIDI-SS Datasheet
1Mb / 9P
1 OSLON® Square Large Lens High CRI
Version V3 uly 2019
More results

Similar Description - CA12242

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12538 CREE-CA12538 Datasheet
877Kb / 18P
Heidi series
CA12815 CREE-CA12815 Datasheet
905Kb / 19P
Heidi series
CA12537 CREE-CA12537 Datasheet
971Kb / 20P
Heidi series
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
Heidi series
logo
Ledil, Inc.
CA11264 LEDIL-CA11264 Datasheet
1Mb / 34P
Heidi Assembly
CA11265 LEDIL-CA11265 Datasheet
1Mb / 30P
Heidi Assembly
CA11266 LEDIL-CA11266 Datasheet
3Mb / 58P
Heidi Assembly
CA11267 LEDIL-CA11267 Datasheet
2Mb / 42P
Heidi Assembly
CA11268 LEDIL-CA11268 Datasheet
2Mb / 41P
Heidi Assembly
CA11663 LEDIL-CA11663 Datasheet
1Mb / 35P
Heidi Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com