Electronic Components Datasheet Search
  English  ▼

X  

310321 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # 310321
Description  lift system, fittable without loss of poles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

310321 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  310321 Datasheet HTML 1Page - METZ CONNECT GmbH 310321 Datasheet HTML 2Page - METZ CONNECT GmbH 310321 Datasheet HTML 3Page - METZ CONNECT GmbH 310321 Datasheet HTML 4Page - METZ CONNECT GmbH 310321 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
310491xx
xx=number of poles
2017/05/04
RP015xxWBLC
Illustration
see enlarged drawing at the end of the document
Product specification
• screw type terminal block, pluggable
• centerline 5.00 mm, direction of connection vertical 0°
• lift system, fittable without loss of poles
• color black
• wire entry uncodeable side parallel to plug direction, lamella


Similar Part No. - 310321

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
31032BR PROSIGNAL-31032BR Datasheet
28Kb / 1P
Fax/Modem Line Cords
31032R PROSIGNAL-31032R Datasheet
28Kb / 1P
Fax/Modem Line Cords
More results

Similar Description - 310321

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF736CS4 SHOULDER-HDF736CS4 Datasheet
161Kb / 8P
Low-Loss SAW Filter of cordless system.
HDF770CS4 SHOULDER-HDF770CS4 Datasheet
159Kb / 8P
Low-Loss SAW Filter of cordless system.
HDF782CS4 SHOULDER-HDF782CS4 Datasheet
158Kb / 8P
Low-Loss SAW Filter of cordless system.
HDF864AN1S6 SHOULDER-HDF864AN1S6 Datasheet
171Kb / 8P
Low-Loss SAW Filter of cordless system
HDF864ANS6 SHOULDER-HDF864ANS6 Datasheet
170Kb / 8P
Low-Loss SAW Filter of cordless system
logo
METZ CONNECT GmbH
311661XX METZ-311661XX Datasheet
281Kb / 5P
wire protector, fittable without loss of poles
ASP025XX METZ-ASP025XX Datasheet
322Kb / 5P
fittable without loss of poles
ASP046XX METZ-ASP046XX Datasheet
461Kb / 4P
fittable without loss of poles
AST055XX METZ-AST055XX Datasheet
302Kb / 5P
fittable without loss of poles
SM99S01VBNN05G7 METZ-SM99S01VBNN05G7 Datasheet
253Kb / 4P
fittable without loss of poles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com