Electronic Components Datasheet Search
  English  ▼

X  

312261 Datasheet(PDF) 4 Page - METZ CONNECT GmbH

Part # 312261
Description  wire protector, fittable without loss of poles
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

312261 Datasheet(HTML) 4 Page - METZ CONNECT GmbH

  312261 Datasheet HTML 1Page - METZ CONNECT GmbH 312261 Datasheet HTML 2Page - METZ CONNECT GmbH 312261 Datasheet HTML 3Page - METZ CONNECT GmbH 312261 Datasheet HTML 4Page - METZ CONNECT GmbH 312261 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4/5
Data Sheet
P/N
311661xx
xx=number of poles
2017/05/04
RP023xxHBWC
Matching Part
P/N
Product name
312241
PR033xxVBHC Typ 224
312251 (on request)
PT153xxHBEC Typ 225
312261
PT153xxVBEC Typ 226
313331 (on request)
PT023xxHBHC
314241
PM013xxVBHC Typ 424
Accessories
P/N
Product name
720158-01-0 (on request)
F_Befest_165_brg_kurz 1mm
720158-01-2 (on request)
720158
720158-02-2
720158
720159-01-0 (on request)
F_Kodier_Typ165_brg_kurz
720159-01-2
720159
720159-02-0 (on request)
F_Kodier_Typ165_brg_lang
720159-02-2
720159



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com