Electronic Components Datasheet Search
  English  ▼

X  

ASP044XX Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # ASP044XX
Description  eccentric lever, wire entry uncodeable side parallel to plug direction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

ASP044XX Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  ASP044XX Datasheet HTML 1Page - METZ CONNECT GmbH ASP044XX Datasheet HTML 2Page - METZ CONNECT GmbH ASP044XX Datasheet HTML 3Page - METZ CONNECT GmbH ASP044XX Datasheet HTML 4Page - METZ CONNECT GmbH ASP044XX Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
ASP044xx
xx=number of poles
2017/05/05
SP044xxVBNN
Illustration
see enlarged drawing at the end of the document
Product specification
• spring clamp terminal block, pluggable
• centerline 3.81 mm, direction of connection vertical 0°
• color black
• eccentric lever, wire entry uncodeable side parallel to plug direction


Similar Part No. - ASP044XX

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
ASP043 METZ-ASP043 Datasheet
265Kb / 5P
centerline 3.50 mm, direction of connection 90째
ASP043 METZ-ASP043 Datasheet
263Kb / 5P
centerline 3.50 mm, direction of connection vertical 0째
ASP043XX METZ-ASP043XX Datasheet
323Kb / 5P
eccentric lever, wire entry uncodeable side parallel to plug direction
ASP045 METZ-ASP045 Datasheet
340Kb / 5P
pin header, solderable
ASP045XX METZ-ASP045XX Datasheet
322Kb / 5P
centerline 5.00 mm, direction of connection vertical 0째
More results

Similar Description - ASP044XX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
1803604 MICROCHIP-1803604 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
logo
PHOENIX CONTACT
100955 PHOENIX-100955 Datasheet
95Kb / 3P
Header with side panels, plug-in direction parallel to the p.c.b.
logo
METZ CONNECT GmbH
ASP043XX METZ-ASP043XX Datasheet
323Kb / 5P
eccentric lever, wire entry uncodeable side parallel to plug direction
logo
WECO ELECTRICAL CONNECT...
110-M-111 WECO-110-M-111 Datasheet
77Kb / 1P
Pin strip Plug-in direction parallel to PCB, flat side walls
07.19
120-M-211-THR WECO-120-M-211-THR Datasheet
85Kb / 1P
Pin strip for THR Plug-in direction parallel to PCB, with side walls
11.17
121-M-111 WECO-121-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
121-ME-211 WECO-121-ME-211 Datasheet
85Kb / 1P
Pin strip Plug-in direction parallel to PCB
05.22
122-M-111 WECO-122-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
950-SLS WECO-950-SLS Datasheet
46Kb / 1P
Pin Strip Plug-in direction parallel to PCB
06.11
110-ME-111 WECO-110-ME-111 Datasheet
77Kb / 1P
Pin strip Plug-in direction parallel to PCB
09.20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com