Electronic Components Datasheet Search
  English  ▼

X  

312901 Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # 312901
Description  fittable without loss of poles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

312901 Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  312901 Datasheet HTML 1Page - METZ CONNECT GmbH 312901 Datasheet HTML 2Page - METZ CONNECT GmbH 312901 Datasheet HTML 3Page - METZ CONNECT GmbH 312901 Datasheet HTML 4Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1/4
Data Sheet
P/N
ASP046xx
xx=number of poles
2014/07/01
SP046xxVBNC
Illustration
see enlarged drawing at the end of the document
Product specification
• spring clamp terminal block, pluggable
• centerline 5.08 mm, direction of connection vertical 0°
• fittable without loss of poles
• color black
• eccentric lever, wire entry uncodeable side parallel to plug direction
• Connection data
V / A / AWG 300 / 10 / 28 - 16
10 A / 250 V / 4 kV / 3 / IEC 61984 / 0.08 - 1 mm²


Similar Part No. - 312901

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
312901 METZ-312901 Datasheet
294Kb / 5P
screw type terminal block, pluggable
More results

Similar Description - 312901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7461 MAXIM-MAX7461 Datasheet
490Kb / 7P
Loss-of-Sync Alarm
Rev 0; 5/06
logo
List of Unclassifed Man...
ED5553DS ETC2-ED5553DS Datasheet
711Kb / 1P
insert required no. of poles
EDSTLZ955 ETC2-EDSTLZ955 Datasheet
704Kb / 1P
insert required no. of poles
logo
Shoulder Electronics Li...
HDF482A1S4 SHOULDER-HDF482A1S4 Datasheet
222Kb / 9P
Low-Loss SAW Filter of cordless system.
logo
METZ CONNECT GmbH
310491XX METZ-310491XX Datasheet
289Kb / 5P
lift system, fittable without loss of poles
311661XX METZ-311661XX Datasheet
281Kb / 5P
wire protector, fittable without loss of poles
ASP025XX METZ-ASP025XX Datasheet
322Kb / 5P
fittable without loss of poles
AST055XX METZ-AST055XX Datasheet
302Kb / 5P
fittable without loss of poles
SM99S01VBNN05G7 METZ-SM99S01VBNN05G7 Datasheet
253Kb / 4P
fittable without loss of poles
logo
PHOENIX CONTACT
3012335 PHOENIX-3012335 Datasheet
52Kb / 2P
Can be aligned without any loss of pitch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com