Electronic Components Datasheet Search
  English  ▼

X  

313291 Datasheet(PDF) 2 Page - METZ CONNECT GmbH

Part # 313291
Description  centerline 5.00 mm, direction of connection vertical 0째
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

313291 Datasheet(HTML) 2 Page - METZ CONNECT GmbH

  313291 Datasheet HTML 1Page - METZ CONNECT GmbH 313291 Datasheet HTML 2Page - METZ CONNECT GmbH 313291 Datasheet HTML 3Page - METZ CONNECT GmbH 313291 Datasheet HTML 4Page - METZ CONNECT GmbH 313291 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2/5
Data Sheet
P/N
ASP045xx
xx=number of poles
2017/05/05
SP045xxVBNC
Technical Data
General Data
min. number of poles
2
max. number of poles
24
Insulating material class
CTI 400
clearance/creepage dist.
4 mm
protection category
IP 20
Overvoltage category
III
III
II
Pollution degree
3
2
2
Rated voltage
32.0 V
200.0 V
200.0 V
Rated test voltage
1.5 kV
1.5 kV
1.5 kV
Connection data
Rated wiring solid wire
0.08 - 1.5 mm² / AWG 28 - 16
Rated wiring stranded wire
0.08 - 1.5 mm² / AWG 28 - 16
Approvals
V / A / AWG
300 / 10 / 28 - 16
10 A / 250 V / 4 kV / 3 / IEC 61984 / 0.08 -
1 mm²
Material
insulating material
PA46
flammability class
V0
spring material
Spring steel
contact material
CuSn
Glow-Wire Flammability GWFI
-
Glow-Wire Flammability GWIT
-
contact surface
Sn
Climatic properties
upper limit temperature
105 °C
lower limit temperature
-40 °C
General
Tolerance
ISO 2768 -mH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com