Electronic Components Datasheet Search
  English  ▼

X  

314771 Datasheet(PDF) 4 Page - METZ CONNECT GmbH

Part # 314771
Description  centerline 5.00 mm, direction of connection vertical 0째
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

314771 Datasheet(HTML) 4 Page - METZ CONNECT GmbH

  314771 Datasheet HTML 1Page - METZ CONNECT GmbH 314771 Datasheet HTML 2Page - METZ CONNECT GmbH 314771 Datasheet HTML 3Page - METZ CONNECT GmbH 314771 Datasheet HTML 4Page - METZ CONNECT GmbH 314771 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4/5
Data Sheet
P/N
ASP045xx
xx=number of poles
2017/05/05
SP045xxVBNC
Matching Part
P/N
Product name
311761
PR065xxHBBN Typ 176
314761
PR065xxHBEC Typ 476
313381
PR075xxHBER Typ 338
313371
PR075xxHBEL Typ 337
313301
PT115xxHBBN Typ 330
313291
PT115xxHBEC Typ 329
313201
PT115xxVBBN Typ 320
313191
PT115xxVBEC Typ 319
312761
PT165xxHGDN Typ 276
312741
PT165xxVGDN Typ 274
312701
PT175xxVGDN Typ 270
311771
PR065xxVBBN Typ 177
314771
PR065xxVBEC Typ 477
Accessories
P/N
Product name
700025-01-9
700025



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com