Electronic Components Datasheet Search
  English  ▼

X  

PE4324 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4324
Description  BNC Twinax Jack Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4324 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4324 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4324 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4324 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Twinax Jack Connector
• MIL-STD-348
• 78 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4324 BNC Twinax jack connector solder attachment 4 hole flange mount solder cup terminal, .500 inch
threaded hole spacing is part of our full line of RF components available for same-day shipping. This BNC Twinax 4 hole flange
connector allows designers to create external connections on their product enclosures, and can be used in a variety of other
rack mount and panel mount applications.
Our 78 ohm BNC Twinax jack 4 hole flange connector PE4324 datasheet specifications and drawing with dimensions are
shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to
configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board design,
or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also
expertly build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.03 in [26.16 mm]
Width/Dia.
0.687 in [17.45 mm]
Height
0.687 in [17.45 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Jack Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
.500 inch Threaded Hole Spacing PE4324
PE4324 REV 1.1
BNC Twinax Jack Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .500 inch Threaded Hole Spacing
RF Connectors Technical Data Sheet
PE4324


Similar Part No. - PE4324

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4324 PASTERNACK-PE4324 Datasheet
241Kb / 2P
BNC Twinax Jack Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Threaded Hole Spacing
More results

Similar Description - PE4324

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4238 PASTERNACK-PE4238 Datasheet
254Kb / 2P
BNC Twinax Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE9378 PASTERNACK-PE9378 Datasheet
356Kb / 4P
BNC Twinax Jack to BNC Twinax Jack Adapter
PE4234 PASTERNACK-PE4234_17 Datasheet
422Kb / 3P
BNC Twinax Plug Connector Crimp/Solder Attachment
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
PE4237 PASTERNACK-PE4237_16 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com