Electronic Components Datasheet Search
  English  ▼

X  

PE4333 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4333
Description  SHV Plug Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4333 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4333 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4333 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4333 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SHV Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG8, RG213, RG214 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4333 SHV plug connector with clamp/solder attachment for RG8, RG213 and RG214 is part of our full line of
RF components available for same-day shipping.
Our SHV plug connector PE4333 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
2 in [50.8 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.093 lbs [42.18 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SHV Plug Connector Clamp/Solder Attachment for RG8, RG213, RG214 PE4333
PE4333 REV 1.2
SHV Plug Connector Clamp/Solder
Attachment for RG8, RG213, RG214
RF Connectors Technical Data Sheet
PE4333


Similar Part No. - PE4333

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4333 PASTERNACK-PE4333 Datasheet
300Kb / 2P
SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Rear Mount
More results

Similar Description - PE4333

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
259Kb / 2P
SHV Plug Connector Crimp/Solder Attachment For RG58
PE4100 PASTERNACK-PE4100 Datasheet
303Kb / 2P
SHV Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4498 PASTERNACK-PE4498 Datasheet
535Kb / 2P
SHV Plug Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4100 PASTERNACK-PE4100_17 Datasheet
397Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4315 PASTERNACK-PE4315_16 Datasheet
413Kb / 3P
SHV Jack Bulkhead Mount Connector Clamp/Solder Attachment
PE4316 PASTERNACK-PE4316_16 Datasheet
393Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4343 PASTERNACK-PE4343_17 Datasheet
359Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4349 PASTERNACK-PE4349_16 Datasheet
356Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4498 PASTERNACK-PE4498_16 Datasheet
412Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com