Electronic Components Datasheet Search
  English  ▼

X  

PE4334 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4334
Description  SSMB Plug Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4334 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4334 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4334 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4334 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMB Plug Connector
• MIL-STD-348
• 50 Ohms
• Right Angle Body Geometry
• RG174, RG179, RG316, RG188, PE-B100, PE-
C100, 0.100 inch, LMR-100 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4334 SSMB plug right angle connector with crimp/solder attachment for RG174, RG179, RG316, RG188,
PE-B100, PE-C100, 0.100 inch and LMR-100 is part of our full line of RF components available for same-day shipping. Its right
angle body geometry allows for easier connections in tight spaces.
Our SSMB plug right angle connector PE4334 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.475 in [12.07 mm]
Width/Dia.
0.188 in [4.78 mm]
Height
0.435 in [11.05 mm]
.
Weight
0.005 lbs [2.27 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Plug Right Angle Connector Crimp/Solder Attachment for RG174, RG179, RG316,
RG188, PE-B100, PE-C100, 0.100 inch, LMR-100 PE4334
PE4334 REV 1.1
SSMB Plug Right Angle Connector Crimp/Solder
Attachment for RG174, RG179, RG316, RG188,
PE-B100, PE-C100, 0.100 inch, LMR-100
RF Connectors Technical Data Sheet
PE4334


Similar Part No. - PE4334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
More results

Similar Description - PE4334

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4335 PASTERNACK-PE4335 Datasheet
204Kb / 2P
SSMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4019 PASTERNACK-PE4019 Datasheet
221Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment For RG178, RG196
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PE45162 PASTERNACK-PE45162 Datasheet
365Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45195 PASTERNACK-PE45195 Datasheet
338Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG178, RG196
PE4553 PASTERNACK-PE4553_16 Datasheet
376Kb / 3P
MCX Plug Right Angle Connector Crimp/Solder Attachment
PE4017 PASTERNACK-PE4017_16 Datasheet
357Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4019 PASTERNACK-PE4019_16 Datasheet
354Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4341 PASTERNACK-PE4341_16 Datasheet
344Kb / 3P
SSMB Jack Right Angle Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com