Electronic Components Datasheet Search
  English  ▼

X  

PE4339 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4339
Description  SSMB Jack Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4339 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4339 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4339 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4339 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SSMB Jack Bulkhead Mount Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Jack Bulkhead Mount Connector Solder Attachment Turret Terminal, .126 inch D Hole,
Front Mount PE4339
URL: https://www.pasternack.com/ssmb-jack-standard-turret-terminal-connector-pe4339-p.aspx
PE4339 REV 1.1
RF Connectors Technical Data Sheet
PE4339
SSMB Jack Bulkhead Mount Connector Solder Attachment
Turret Terminal, .126 inch D Hole, Front Mount



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com