Electronic Components Datasheet Search
  English  ▼

X  

PE4341 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4341
Description  SSMB Jack Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4341 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4341 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4341 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4341 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SSMB Jack Connector
• MIL-STD-348
• 50 Ohms
• Right Angle Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Space Saving for PCB Applications
.
Description
Pasternack’s PE4341 SSMB jack right angle connector with solder attachment for thru hole PCB (.100 inch x .031 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for
easier connections in tight spaces.
Our SSMB jack right angle connector PE4341 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.383 in [9.73 mm]
Width/Dia.
0.156 in [3.96 mm]
Height
0.383 in [9.73 mm]
.
Weight
0.004 lbs [1.81 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch
Hole Spacing PE4341
PE4341 REV 1.1
SSMB Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .100 inch x .031 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4341


Similar Part No. - PE4341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4341 PASTERNACK-PE4341 Datasheet
241Kb / 2P
SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
More results

Similar Description - PE4341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4341 PASTERNACK-PE4341 Datasheet
241Kb / 2P
SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4335 PASTERNACK-PE4335 Datasheet
204Kb / 2P
SSMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4334 PASTERNACK-PE4334 Datasheet
269Kb / 2P
SSMB Plug Right Angle Connector Crimp - Solder Attachment For RG174, RG179, RG316, RG188
PE45195 PASTERNACK-PE45195 Datasheet
338Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG178, RG196
PE4017 PASTERNACK-PE4017_16 Datasheet
357Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4019 PASTERNACK-PE4019_16 Datasheet
354Kb / 3P
SSMB Plug Connector Crimp/Solder Attachment
PE4334 PASTERNACK-PE4334_16 Datasheet
317Kb / 3P
SSMB Plug Right Angle Connector Crimp/Solder Attachment
PE4337 PASTERNACK-PE4337_16 Datasheet
396Kb / 4P
SSMB Jack Bulkhead Mount Connector Crimp/Solder Attachment
PE4339 PASTERNACK-PE4339_16 Datasheet
316Kb / 3P
SSMB Jack Bulkhead Mount Connector Solder Attachment
PE4340 PASTERNACK-PE4340_16 Datasheet
313Kb / 3P
SSMB Jack Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com