Electronic Components Datasheet Search
  English  ▼

X  

PE4342 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4342
Description  Mini UHF Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4342 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4342 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4342 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4342 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• Mini UHF Male Connector
• 50 Ohms
• Straight Body Geometry
• RG58, RG303, RG141, PE-C195, PE-P195, LMR-
195, 0.195 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 2.5 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4342 Mini UHF male connector with crimp/solder attachment for RG58, RG303, RG141, PE-C195, PE-
P195, LMR-195 and 0.195 inch is part of our full line of RF components available for same-day shipping. Our Mini UHF male
connector operates up to a maximum frequency of 2.5 GHz and offers good VSWR of 1.5:1.
Our Mini UHF male connector PE4342 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2.5
GHz
VSWR
1.5:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
1.098 in [27.89 mm]
Width/Dia.
0.452 in [11.48 mm]
.
Weight
0.018 lbs [8.16 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini UHF Male Connector Crimp/Solder Attachment for RG58, RG303, RG141, PE-C195, PE-
P195, LMR-195, 0.195 inch PE4342
PE4342 REV 1.2
Mini UHF Male Connector Crimp/Solder Attachment for RG58,
RG303, RG141, PE-C195, PE-P195, LMR-195, 0.195 inch
RF Connectors Technical Data Sheet
PE4342


Similar Part No. - PE4342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4342 PASTERNACK-PE4342 Datasheet
248Kb / 2P
Mini UHF Male Connector Crimp/Solder Attachment For RG58
More results

Similar Description - PE4342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4342 PASTERNACK-PE4342 Datasheet
248Kb / 2P
Mini UHF Male Connector Crimp/Solder Attachment For RG58
PE44084 PASTERNACK-PE44084 Datasheet
205Kb / 2P
Mini UHF Female Connector Crimp/Solder Attachment For RG58
PE4069 PASTERNACK-PE4069 Datasheet
252Kb / 2P
UHF Male Connector Crimp/Solder Attachment For RG58
PE44082 PASTERNACK-PE44082 Datasheet
261Kb / 2P
Mini UHF Male Right Angle Connector Crimp - Solder Attachment For RG58
PE44090 PASTERNACK-PE44090 Datasheet
203Kb / 2P
Mini UHF Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4020 PASTERNACK-PE4020_16 Datasheet
392Kb / 3P
UHF Male Connector Solder Attachment
PE4069 PASTERNACK-PE4069_16 Datasheet
364Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4073 PASTERNACK-PE4073_16 Datasheet
358Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4295 PASTERNACK-PE4295_16 Datasheet
357Kb / 3P
UHF Male Connector Crimp/Solder Attachment
PE4521 PASTERNACK-PE4521 Datasheet
110Kb / 1P
MINI UHF MALE CRIMP ATTACHMENT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com