Electronic Components Datasheet Search
  English  ▼

X  

PE4345 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4345
Description  BNC Male Right Angle Connector Crimp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4345 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4345 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4345 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4345 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4345 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG55, RG141, RG142, RG223, RG400 Interface
Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4345 BNC male right angle connector with crimp/solder attachment for RG55, RG141, RG142, RG223 and
RG400 is part of our full line of RF components available for same-day shipping. Our BNC male connector operates up to a
maximum frequency of 4 GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our BNC male right angle connector PE4345 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Operating Voltage (AC)
500
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
GHz
VSWR, Max
1.35:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: BNC Male Right Angle Connector Crimp/Solder Attachment for RG55, RG141, RG142,
RG223, RG400 PE4345
PE4345 REV 1.1
BNC Male Right Angle Connector Crimp/Solder Attachment
for RG55, RG141, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4345


Similar Part No. - PE4345

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4340 PASTERNACK-PE4340 Datasheet
238Kb / 2P
SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4340 PASTERNACK-PE4340 Datasheet
313Kb / 3P
SSMB Jack Connector Solder Attachment
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
526Kb / 11P
75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
75 廓 RF Digital Attenuator
More results

Similar Description - PE4345

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4608 PASTERNACK-PE4608_16 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4092 PASTERNACK-PE4092_16 Datasheet
386Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4102 PASTERNACK-PE4102_16 Datasheet
787Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4195 PASTERNACK-PE4195_16 Datasheet
377Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4298 PASTERNACK-PE4298_16 Datasheet
380Kb / 3P
BNC Male Right Angle Connector Crimp/Crimp Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4393 PASTERNACK-PE4393_16 Datasheet
317Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com