Electronic Components Datasheet Search
  English  ▼

X  

HT-PR50XXX Datasheet(PDF) 8 Page - Inolux Corporation

Part # HT-PR50XXX
Description  Super Flux Led Lamp with 3mm Dome
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-PR50XXX Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HT-PR50XXX Datasheet HTML 4Page - Inolux Corporation HT-PR50XXX Datasheet HTML 5Page - Inolux Corporation HT-PR50XXX Datasheet HTML 6Page - Inolux Corporation HT-PR50XXX Datasheet HTML 7Page - Inolux Corporation HT-PR50XXX Datasheet HTML 8Page - Inolux Corporation HT-PR50XXX Datasheet HTML 9Page - Inolux Corporation HT-PR50XXX Datasheet HTML 10Page - Inolux Corporation HT-PR50XXX Datasheet HTML 11Page - Inolux Corporation HT-PR50XXX Datasheet HTML 12Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HT-PR50XXX Series
Super Flux
Through Hole Lamp
Official Product
HT-PR50XXX series
Customer Part No.
Data Sheet No.
****************
****************
HT-PR50XXX series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 27, 2013
Version of 1.0
Page
8/12
Group 
Chromaticity Coordinate Group 
A 
X 
0.27 
0.27 
0.297 
0.297 
Y 
0.24 
0.257 
0.287 
0.27 
B 
X 
0.297 
0.297 
0.323 
0.323 
Y 
0.27 
0.287 
0.317 
0.3 
C 
X 
0.323 
0.323 
0.35 
0.35 
Y 
0.3 
0.317 
0.347 
0.33 
D 
X 
0.27 
0.27 
0.297 
0.297 
Y 
0.257 
0.273 
0.303 
0.287 
E 
X 
0.297 
0.297 
0.323 
0.323 
Y 
0.287 
0.303 
0.333 
0.317 
F 
X 
0.323 
0.323 
0.35 
0.35 
Y 
0.317 
0.333 
0.363 
0.347 
G 
X 
0.27 
0.27 
0.297 
0.297 
Y 
0.273 
0.29 
0.32 
0.303 
H 
X 
0.297 
0.297 
0.323 
0.323 
Y 
0.303 
0.32 
0.35 
0.333 
I 
X 
0.323 
0.323 
0.35 
0.35 
Y 
0.333 
0.35 
0.38 
0.363 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com