Electronic Components Datasheet Search
  English  ▼

X  

3LP01M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 3LP01M
Description  P-Channel Silicon MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  3LP01M Datasheet HTML 1Page - Sanyo Semicon Device 3LP01M Datasheet HTML 2Page - Sanyo Semicon Device 3LP01M Datasheet HTML 3Page - Sanyo Semicon Device 3LP01M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3LP01M
No.6139-1/4
Ultrahigh-Speed Switching Applications
P-Channel Silicon MOSFET
Features
•
Low ON-resistance.
•
Ultrahigh-speed switching.
•
2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--0.1
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--0.4
A
Allowable Power Dissipation
PD
0.15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0
--10
µA
Gate-to-Sourse Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--100µA
--0.4
--1.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--50mA
80
110
mS
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
3LP01M
Package Dimensions
unit : mm
2158
[3LP01M]
90100 TS IM TA-2006
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Gate
2 : Source
3 : Drain
SANYO : MCP
0.3
0.65 0.65
2.0
0.15
0 to 0.1
0.3
0.6
0.9
12
3
Ordering number : ENN6139


Similar Part No. - 3LP01M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
3LP01M ONSEMI-3LP01M Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
logo
Sanyo Semicon Device
3LP01M-TL-E SANYO-3LP01M-TL-E Datasheet
451Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
3LP01M-TL-E ONSEMI-3LP01M-TL-E Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
logo
Sanyo Semicon Device
3LP01M-TL-H SANYO-3LP01M-TL-H Datasheet
451Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
3LP01M-TL-H ONSEMI-3LP01M-TL-H Datasheet
265Kb / 6P
P-Channel Small Signal MOSFET
June, 2013
More results

Similar Description - 3LP01M

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INJ0003AX ISAHAYA-INJ0003AX Datasheet
137Kb / 4P
Silicon P-channel MOSFET
INJ0002AX ISAHAYA-INJ0002AX Datasheet
137Kb / 4P
Silicon P-channel MOSFET
INJ0001AX ISAHAYA-INJ0001AX Datasheet
136Kb / 4P
Silicon P-channel MOSFET
logo
Guangdong Kexin Industr...
2SJ0582 KEXIN-2SJ0582 Datasheet
46Kb / 2P
Silicon P-channel power MOSFET
2SJ319S KEXIN-2SJ319S Datasheet
47Kb / 1P
Silicon P-Channel MOSFET
2SJ387S KEXIN-2SJ387S Datasheet
48Kb / 2P
Silicon P-Channel MOSFET
logo
Fuji Electric
2SJ474-01L FUJI-2SJ474-01L_05 Datasheet
543Kb / 4P
P-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
FJ3303010L PANASONIC-FJ3303010L Datasheet
517Kb / 7P
Silicon P-channel MOSFET
logo
Renesas Technology Corp
HAT1093C RENESAS-HAT1093C_15 Datasheet
92Kb / 7P
Silicon P Channel MOSFET
logo
Isahaya Electronics Cor...
INJ0203BC1 ISAHAYA-INJ0203BC1 Datasheet
158Kb / 4P
Silicon P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com