Electronic Components Datasheet Search
  English  ▼

X  

INL3AB30 Datasheet(PDF) 2 Page - Inolux Corporation

Part # INL3AB30
Description  3 mm Through Hole Lamp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

INL3AB30 Datasheet(HTML) 2 Page - Inolux Corporation

  INL3AB30 Datasheet HTML 1Page - Inolux Corporation INL3AB30 Datasheet HTML 2Page - Inolux Corporation INL3AB30 Datasheet HTML 3Page - Inolux Corporation INL3AB30 Datasheet HTML 4Page - Inolux Corporation INL3AB30 Datasheet HTML 5Page - Inolux Corporation INL3AB30 Datasheet HTML 6Page - Inolux Corporation INL3AB30 Datasheet HTML 7Page - Inolux Corporation INL3AB30 Datasheet HTML 8Page - Inolux Corporation INL3AB30 Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INL-3AX30
3 mm Through Hole Lamp
Inolux Corporation
Proprietary & Confidential
July 10, 2017
www.inolux-corp.com
Page 2
Absolute Maximum Rating at 25oC (Note 1)
Product
Emission
Color
Pd (mW)
IF (mA)
IFP* (mA)
VR (V)
TOP (oC)
TST (oC)
INL-3AYG30
Yellow Green
65
25
100
5
-40
oC~+85oC -40oC~+100oC
INL3AY30
Yellow
INL3AA30
Amber
INL3AR30
Red
INL3AB30
Blue
95
25
100
INL3AG30
Green
INL3AW30
White
Notes
1. Condition for IFP is pulse of 1/10 duty and 0.1msec width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com