Electronic Components Datasheet Search
  English  ▼

X  

AD8616 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8616
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8616 Datasheet(HTML) 2 Page - Analog Devices

  AD8616 Datasheet HTML 1Page - Analog Devices AD8616 Datasheet HTML 2Page - Analog Devices AD8616 Datasheet HTML 3Page - Analog Devices AD8616 Datasheet HTML 4Page - Analog Devices AD8616 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Technical Data
AD8615/AD8616/AD8618
-
2-
Rev PrA 6/2/03
ELECTRICAL CHARACTERISTICS (V
S=+3.0V, VCM = VS/2, TA=+25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0V to 3V
80
300
µV
-40°< TA < +125°C
750
µV
Input Bias Current
IB
0.2
60
pA
-40°< TA < +85°C
100
pA
-40°< TA < +125°C
100
pA
Input Offset Current
IOS
0.1
30
pA
-40°< TA < +85°C
50
pA
-40°< TA < +125°C
500
pA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0V to 3V
68
83
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ VO= 0.5V to 2.5V
30
100
V/mV
Offset Voltage Drift
∆V
OS/∆T
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
2.92
2.95
V
-40°C < TA < +125°C
2.88
V
Output Voltage Low
VOL
IL = 1mA
20
35
mV
-40°C < TA < +125°C
50
mV
Output Current
IOUT
±150
mA
Closed Loop Output Impedance
ZOUT
f=1 MHz, AV = 1
12
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 5.5 V
67
80
dB
Supply Current/Amplifier
ISY
VO = 0V
1.6
2.0
mA
-40°< TA < +125°C
TBD
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
12
V/
µs
Settling Time
ts
To 0.01%
<0.25
µs
Gain Bandwidth Product
GBP
20
MHz
Phase Margin
Øo
40
degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f=1kHz
8
nV/
√Hz
Voltage Noise Density
en
f=10kHz
6
nV/
√Hz
Current Noise Density
in
f=1kHz
0.05
pA/
√Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com