Electronic Components Datasheet Search
  English  ▼

X  

FCA15450 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA15450
Description  Florentina Assembly
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA15450 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA15450 Datasheet HTML 1Page - Ledil, Inc. FCA15450 Datasheet HTML 2Page - Ledil, Inc. FCA15450 Datasheet HTML 3Page - Ledil, Inc. FCA15450 Datasheet HTML 4Page - Ledil, Inc. FCA15450 Datasheet HTML 5Page - Ledil, Inc. FCA15450 Datasheet HTML 6Page - Ledil, Inc. FCA15450 Datasheet HTML 7Page - Ledil, Inc. FCA15450 Datasheet HTML 8Page - Ledil, Inc. FCA15450 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PRODUCT DATASHEET
Florentina series
last update 2/8/2016
DETAILS
Product Number
FCA15450_FLORENTINA-1-D
Family
Florentina
Type
Assembly
Color
black
Diameter
39,7x39,7 mm
Height
17,552 mm
Style
square
Optic Material
PC,PC
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
2/08/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XHP35 HI
21 deg
Diffuser
77 %
5.100
-
XHP35 HD
23 deg
Diffuser
77 %
3.900
-
XP-G2
21 deg
Diffuser
77 %
5.100
-
XP-L
23 deg
Diffuser
76 %
4.200
-
XT-E
18 deg
Diffuser
76 %
5.800
-
LUXEON TX
19 deg
Diffuser
77 %
5.500
-
LUXEON 5050
24 deg
Diffuser
79 %
3.800
-
NVSxx19B/NVSxx19C
20 deg
Diffuser
78 %
5.200
-
Oslon Square Gen3
20 deg
Diffuser
79 %
5.400
-
Oslon SSL 150
18 deg
Diffuser
77 %
6.600
-
Z8Y22P
19 deg
Diffuser
75 %
5.500
-
January 25th 2018 8:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCA15450

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
Florentina series
logo
Ledil, Inc.
FCA15450 LEDIL-FCA15450 Datasheet
7Mb / 6P
~18째 diffused spot beam
FCA15450 LEDIL-FCA15450_18 Datasheet
7Mb / 6P
~18째 diffused spot beam
More results

Similar Description - FCA15450

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
Florentina series
logo
Ledil, Inc.
FC15514 LEDIL-FC15514 Datasheet
677Kb / 10P
Florentina Assembly
FC15517 LEDIL-FC15517 Datasheet
674Kb / 10P
Florentina Assembly
FCA15511 LEDIL-FCA15511 Datasheet
383Kb / 8P
Florentina Assembly
FCA15512 LEDIL-FCA15512 Datasheet
607Kb / 12P
Florentina Assembly
FCA15513 LEDIL-FCA15513 Datasheet
372Kb / 8P
Florentina Assembly
FCA15451 LEDIL-FCA15451 Datasheet
1Mb / 26P
Florentina Assembly
FCA15452 LEDIL-FCA15452 Datasheet
1Mb / 24P
Florentina Assembly
FCA15453 LEDIL-FCA15453 Datasheet
1Mb / 24P
Florentina Assembly
CC14633 LEDIL-CC14633 Datasheet
394Kb / 4P
Florentina Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com