Electronic Components Datasheet Search
  English  ▼

X  

AD8616ARM Datasheet(PDF) 4 Page - Analog Devices

Part # AD8616ARM
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8616ARM Datasheet(HTML) 4 Page - Analog Devices

  AD8616ARM Datasheet HTML 1Page - Analog Devices AD8616ARM Datasheet HTML 2Page - Analog Devices AD8616ARM Datasheet HTML 3Page - Analog Devices AD8616ARM Datasheet HTML 4Page - Analog Devices AD8616ARM Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Technical Data
AD8615/AD8616/AD8618
-
4-
Rev PrA 6/2/03
ABSOLUTE MAXIMUM RATINGS1
Supply voltage ...........................................................................+6V
Input Voltage....................................................................Gnd to Vs
Differential Input Voltage .........................................................±6V
Output Short-Circuit Duration to Gnd2 ....Observe Derating Curves
Storage Temperature Range
R, RT, RM, RU Package ............................... -65°C to +150°C
Operating Temperature Range
AD8615/AD8616/AD8618............................ -40°C to +125°C
Junction Temperature Range
R, RT, RM, RU Package ............................... -65°C to +150°C
Lead Temperature Range (Soldering, 60 Sec) ...............+300°C
Package Type
θJA
θJC
Units
5-Pin SOT-23 (RT)
230
--
°C/W
8-Pin microSOIC (RM)
210
45
°C/W
8-Pin SOIC (R)
158
43
°C/W
14-Pin SOIC (R)
120
36
°C/W
14-Pin TSSOP (RU)
180
35
°C/W
NOTES
1 Absolute maximum ratings apply at 25°C, unless otherwise noted.
2 θ
JA is specified for the worst-case conditions, i.e., θJAis specified for device soldered in
circuit board for surface mount packages.
ORDERING GUIDE
Model
Temperature
Range
Package
Description
Package
Option
Branding
Information
AD8615ARJ
-40°C to +125°C
5-Pin SOT-23
RT-5
AD8616ARM
-40°C to +125°C
8-Pin micro-SOIC
RM-8
AD8616AR
-40°C to +125°C
8-Pin SOIC
R-8
AD8618AR
-40°C to +125°C
16-Pin SOIC
R-16
AD8618ARU
-40°C to +125°C
16-Pin TSSOP
RU-16
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although this device features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com