Electronic Components Datasheet Search
  English  ▼

X  

ECG1019C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECG1019C
Description  InGaP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG1019C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECG1019C Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG1019C Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG1019C Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG1019C Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG1019C Datasheet HTML 5Page - List of Unclassifed Manufacturers ECG1019C Datasheet HTML 6Page - List of Unclassifed Manufacturers ECG1019C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
EC1019
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device RF Performance
Supply Bias = +6 V, Rbias = 14 :, Icc = 70 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
20.4
20.0
19.8
18
17.5
16.8
14.2
10.3
S11
dB
-17
-17
-18
-19
-20
-20
-19
-11
S22
dB
-15
-15
-15
-15
-15
-15
-14
-7.7
Output P1dB
dBm
+19.4
+19.4
+19.4
+19.5
+19.0
+18.8
+16.2
Output IP3
dBm
+33
+33.2
+33.6
+31
+31
+30.7
Noise Figure
dB
3.4
3.5
3.5
3.8
3.8
3.9
1. Test conditions: T = 25º C, Supply Voltage = +6 V, Device Voltage = 5.0 V, Rbias = 16.5 , Icc = 70 mA typical, 50
System.
2. 3OIP measured with two tones at an output power of +4 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gainvs. Frequency
0
5
10
15
20
25
0
1
2
3
4
5
6
Frequency(GHz)
S11, S22vs. Frequency
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency(GHz)
S22
S11
Iccvs. Vde
0
40
80
120
160
0
1
2
3
4
5
6
Vde(V)
25°C
OIP3vs. Frequency
20
25
30
35
40
500
1000
1500
2000
2500
3000
Frequency(MHz)
25°C
85°C
-40°C
NoiseFigurevs. Frequency
2
3
4
5
6
500
1000
1500
2000
Frequency(MHz)
P1dBvs. Frequency
12
16
20
24
500
1000
1500
2000
2500
3000
Frequency(MHz)
25°C
85°C
-40°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com