Electronic Components Datasheet Search
  English  ▼

X  

LM2753 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2753
Description  High Power Switched Capacitor Voltage Convertor/Flash LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2753 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2753 Datasheet HTML 1Page - National Semiconductor (TI) LM2753 Datasheet HTML 2Page - National Semiconductor (TI) LM2753 Datasheet HTML 3Page - National Semiconductor (TI) LM2753 Datasheet HTML 4Page - National Semiconductor (TI) LM2753 Datasheet HTML 5Page - National Semiconductor (TI) LM2753 Datasheet HTML 6Page - National Semiconductor (TI) LM2753 Datasheet HTML 7Page - National Semiconductor (TI) LM2753 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagram
LM2753
10-Pin LLPPackage (LLP10) No Pullback
3mm X 3mm x 0.75mm
NS Package Number SDA10A
20140605
Pin Descriptions
Pin #
Name
Description
1C
1+
Flying capacitor connection.
2V
IN
Input Voltage Connection. Input Voltage Range: 3.0V to 5.5V.
3C
1-
Flying Capacitor connection.
4
FLASH
Flash Logic Input Pin. Logic HIGH = Flash Output On, Logic LOW = Flash
Output Off. There is an internal pulldown of 300k
Ω between FLASH and GND.
5
GND
Connect to Ground.
6
EN
Enable Pin. Logic HIGH = Enable, Logic LOW = Shut Down. There is an
internal pulldown of 300k
Ω between EN and GND
7
GND
Connect to Ground.
8I
OUT
Flash Output. On/Off Control via FLASH Pin.
9V
OUT
5V Regulated Output.
10
GND
Connect to Ground
Ordering Information
Output Voltage
Ordering Number
Package Mark ID
Package
Supplied As
5.0V
LM2753SD
D004B
SDA10A
Non-Pullback
LLP
250 Units, Tape and
Reel
5.0V
LM2753SDX
D004B
3000 Units, Tape and
Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com