Electronic Components Datasheet Search
  English  ▼

X  

LMH6574 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6574
Description  4:1 High Speed Video Multiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6574 Datasheet HTML 6Page - National Semiconductor (TI) LMH6574 Datasheet HTML 7Page - National Semiconductor (TI) LMH6574 Datasheet HTML 8Page - National Semiconductor (TI) LMH6574 Datasheet HTML 9Page - National Semiconductor (TI) LMH6574 Datasheet HTML 10Page - National Semiconductor (TI) LMH6574 Datasheet HTML 11Page - National Semiconductor (TI) LMH6574 Datasheet HTML 12Page - National Semiconductor (TI) LMH6574 Datasheet HTML 13Page - National Semiconductor (TI) LMH6574 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Application Notes
GENERAL INFORMATION
The LMH6574 is a high-speed 4:1 analog multiplexer, opti-
mized for very high speed and low distortion. With selectable
gain and excellent AC performance, the LMH6574 is ideally
suited for switching high resolution, presentation grade video
signals. The LMH6574 has no internal ground reference.
Single or split supply configurations are both possible. The
LMH6574 features very high speed channel switching and
disable times. When disabled the LMH6574 output is high
impedance making MUX expansion possible by combining
multiple devices. See “Multiplexer Expansion” section below.
VIDEO PERFORMANCE
The LMH6574 has been designed to provide excellent per-
formance with production quality video signals in a wide
variety of formats such as HDTV and High Resolution VGA.
Best performance will be obtained with back-terminated
loads. The back termination reduces reflections from the
transmission line and effectively masks transmission line
and other parasitic capacitances from the amplifier output
stage. Figure 1 shows a typical configuration for driving a
75
Ω. Cable. The output buffer is configured for a gain of 2,
so using back terminated loads will give a net gain of 1.
FEEDBACK RESISTOR SELECTION
The LMH6574 has a current feedback output buffer with gain
determined by external feedback (R
F) and gain set (RG)
resistors. With current feedback amplifiers, the closed loop
20119722
FIGURE 1. Typical Application
20119732
FIGURE 2. Suggested R
F vs. Gain
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com