Electronic Components Datasheet Search
  English  ▼

X  

PE4348 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4348
Description  Connector Accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4348 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4348 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4348 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4348 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• GR874 Sexless Connector
• 50 Ohms
• Straight Body Geometry
• Accessories Attachment
Features
• Nickel Plated Brass Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4348 GR874 connector accessories is part of our full line of RF components available for same-day shipping.
Our GR874 connector PE4348 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.066 in [27.08 mm]
Width/Dia.
0.81 in [20.57 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Nickel
Insulation
PTFE
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: GR874 Connector Accessories PE4348
PE4348 REV 1.1
GR874 Connector Accessories
RF Connectors Technical Data Sheet
PE4348


Similar Part No. - PE4348

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4348 PASTERNACK-PE4348 Datasheet
203Kb / 2P
GR874 Sexless Connector Accessories Attachment Accessories
More results

Similar Description - PE4348

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
Pasternack Enterprises,...
PE4348 PASTERNACK-PE4348 Datasheet
203Kb / 2P
GR874 Sexless Connector Accessories Attachment Accessories
PE4021 PASTERNACK-PE4021 Datasheet
285Kb / 2P
UHF Sexless Connector Accessories UHF Sexless Connector Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
Carlo Gavazzi Holding A...
CONB14NF-APT2P CARLOGAVAZZI-CONB14NF-APT2P Datasheet
550Kb / 3P
General Accessories Connector Cables
CONB14NF-AP2W CARLOGAVAZZI-CONB14NF-AP2W Datasheet
319Kb / 3P
General Accessories IP69K Connector Cables
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com