Electronic Components Datasheet Search
  English  ▼

X  

PE4349 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4349
Description  SHV Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4349 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4349 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4349 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4349 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SHV Plug Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 300 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4349 SHV plug connector with crimp/solder attachment for RG214, RG9, RG225 and RG393 is part of our
full line of RF components available for same-day shipping. Our SHV plug connector operates up to a maximum frequency of
300 MHz and offers good VSWR of 1.3:1.
Our SHV plug connector PE4349 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
300
MHz
VSWR
1.3:1
Operating Voltage (AC)
3,500
Vrms
.
Mechanical Specifications
Size
Length
2.11 in [53.59 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.05 lbs [22.68 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SHV Plug Connector Crimp/Solder Attachment for RG214, RG9, RG225, RG393 PE4349
PE4349 REV 1.1
SHV Plug Connector Crimp/Solder Attachment
for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4349


Similar Part No. - PE4349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4349 PASTERNACK-PE4349 Datasheet
264Kb / 2P
SHV Plug Connector Crimp - Solder Attachment For RG214, RG9, RG225, RG393
More results

Similar Description - PE4349

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4194 PASTERNACK-PE4194 Datasheet
259Kb / 2P
SHV Plug Connector Crimp/Solder Attachment For RG58
PE4343 PASTERNACK-PE4343 Datasheet
267Kb / 3P
SHV Plug Connector Crimp - Solder Attachment For RG59, RG62
PE4349 PASTERNACK-PE4349 Datasheet
264Kb / 2P
SHV Plug Connector Crimp - Solder Attachment For RG214, RG9, RG225, RG393
PE4100 PASTERNACK-PE4100_17 Datasheet
397Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4194 PASTERNACK-PE4194_16 Datasheet
354Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4316 PASTERNACK-PE4316_16 Datasheet
393Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4333 PASTERNACK-PE4333_17 Datasheet
326Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4343 PASTERNACK-PE4343_17 Datasheet
359Kb / 3P
SHV Plug Connector Crimp/Solder Attachment
PE4498 PASTERNACK-PE4498_16 Datasheet
412Kb / 3P
SHV Plug Connector Clamp/Solder Attachment
PE4501 PASTERNACK-PE4501_16 Datasheet
352Kb / 3P
SHV Jack Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com