Electronic Components Datasheet Search
  English  ▼

X  

PE4358 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4358
Description  SMB Plug Right Angle Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4358 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4358 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4358 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4358 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• 50 Ohms
• Right Angle Body Geometry
• PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-
SR405TN, RG405 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4358 SMB plug right angle connector with clamp/solder attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN and RG405 is part of our full line of RF components available for same-day shipping. Its right angle
body geometry allows for easier connections in tight spaces.
Our SMB plug right angle connector PE4358 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.509 in [12.93 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.41 in [10.41 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
Insulation
PTFE
Body
Brass
Gold
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Right Angle Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, PE-SR405TN, RG405 PE4358
PE4358 REV 1.1
SMB Plug Right Angle Connector Clamp/Solder
Attachment for PE-SR405AL, PE-SR405FL, PE-
SR405FLJ, PE-SR405TN, RG405
RF Connectors Technical Data Sheet
PE4358


Similar Part No. - PE4358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4358 PASTERNACK-PE4358 Datasheet
206Kb / 2P
SMB Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4358

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4265 PASTERNACK-PE4265 Datasheet
833Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4052 PASTERNACK-PE4052_17 Datasheet
380Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4159 PASTERNACK-PE4159_16 Datasheet
374Kb / 3P
SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4200 PASTERNACK-PE4200_16 Datasheet
403Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4203 PASTERNACK-PE4203_16 Datasheet
320Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4250 PASTERNACK-PE4250_17 Datasheet
398Kb / 3P
SMB Plug Connector Clamp/Solder Attachment
PE4257 PASTERNACK-PE4257_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4260 PASTERNACK-PE4260_14 Datasheet
327Kb / 2P
SMB Plug Right Angle Connector Clamp/Solder Attachment
PE4262 PASTERNACK-PE4262_16 Datasheet
383Kb / 4P
SMC Plug Right Angle Connector Clamp/Solder Attachment
PE4522 PASTERNACK-PE4522_16 Datasheet
370Kb / 3P
SMB Plug Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com