Electronic Components Datasheet Search
  English  ▼

X  

PE4376 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4376
Description  N Male Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4376 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4376 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4376 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4376 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• PE-SR401AL, PE-SR401FL, RG401 Interface Type
• Solder/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4376 type N male connector with solder/solder attachment for PE-SR401AL, PE-SR401FL and RG401 is
part of our full line of RF components available for same-day shipping. Our type N male connector operates up to a maximum
frequency of 11 GHz and offers good VSWR of 1.5:1.
Our type N male connector PE4376 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
VSWR
1.5:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
0.965 in [24.51 mm]
Width/Dia.
0.827 in [21.01 mm]
.
Weight
0.069 lbs [31.3 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Connector Solder Attachment for PE-SR401AL, PE-SR401FL, RG401 PE4376
PE4376 REV 1.1
N Male Connector Solder Attachment for PE-
SR401AL, PE-SR401FL, RG401
RF Connectors Technical Data Sheet
PE4376


Similar Part No. - PE4376

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4376 PASTERNACK-PE4376 Datasheet
285Kb / 3P
N Male Precision Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
More results

Similar Description - PE4376

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4062 PASTERNACK-PE4062_17 Datasheet
468Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4081 PASTERNACK-PE4081_16 Datasheet
370Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4140 PASTERNACK-PE4140_16 Datasheet
381Kb / 4P
N Male Connector Solder Attachment
PE4221 PASTERNACK-PE4221_17 Datasheet
398Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4222 PASTERNACK-PE4222_16 Datasheet
314Kb / 3P
N Male Connector Solder Attachment
PE4344 PASTERNACK-PE4344_16 Datasheet
351Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4429 PASTERNACK-PE4429_16 Datasheet
406Kb / 3P
N Male Connector Crimp/Solder Attachment
PE4433 PASTERNACK-PE4433_16 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE4434 PASTERNACK-PE4434_14 Datasheet
411Kb / 2P
N Male Connector Clamp/Solder Attachment
PE4491 PASTERNACK-PE4491_16 Datasheet
327Kb / 3P
N Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com