Electronic Components Datasheet Search
  English  ▼

X  

MSK103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSK103
Description  ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSK103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSK103 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSK103 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSK103 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSK103 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSK103 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Current Sense 1
Comp 2-1 (U1)
Comp 1-1 (U1)
N/C
+Vcc 1
Output Drive 2
-Vcc 2
Non Inverting Input 2
Inverting Input 2
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
FEATURES:
MIL-PRF-38534 QUALIFIED
103
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
DESCRIPTION:
1
2
3
4
5
6
7
8
9
Inverting Input 1
Non Inverting Input 1
-Vcc 1
Output Drive 1
+Vcc 2
N/C
Comp 1-2 (U2)
Comp 2-2 (U2)
Current Sense 2
18
17
16
15
14
13
12
11
10
ULTRA HIGH VOLTAGE DUAL
OPERATIONAL AMPLIFIER
High Speed : 40V/µS Typ
The MSK 103 is an ultra high voltage monolithic MOSFET operational amplifier ideally suited for electrostatic
transducer and electrostatic deflection applications. With a total supply voltage rating of 350 volts and 60mA of
available output current available from each amplifier, the MSK 103 is also an excellent low cost choice for high
voltage piezo drive circuits. The MOSFET output frees the MSK 103 from secondary breakdown limitations and
power dissipation is kept to a minimum with a quiescent current rating of only 2mA per amplifier. The MSK 103 is
packaged in a hermetically sealed 18 pin ceramic dip which has external compensation pins for each amplifier.
EQUIVALENT SCHEMATIC
Piezo Electric Positioning
Electrostatic Deflection
Computer to Vacuum Tube Interface
Ultra High Voltage
Dual Op-Amp Applications
600 Volt, 0.12 Amp Bridge Amplifier
Low Cost Dual Amplifier
Monolithic MOS Technology
High Voltage Operation : 350V
Low Quiescent Current : 2mA Max Per Amplifier
High Output Current: 60mA Minimum Per Amplifier
No Second Breakdown
Rev. B 1/02
1
MSK103


Similar Part No. - MSK103

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK106ERHG MSK-MSK106ERHG Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106HRH ANAREN-MSK106HRH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
logo
M.S. Kennedy Corporatio...
MSK106HRHG MSK-MSK106HRHG Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106HRHG ANAREN-MSK106HRHG Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
MSK106KRH ANAREN-MSK106KRH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
More results

Similar Description - MSK103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2544 BURR-BROWN-OPA2544 Datasheet
101Kb / 8P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
MSK162 ETC-MSK162 Datasheet
398Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
MSK164 ETC-MSK164 Datasheet
387Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
MSK166 ETC1-MSK166 Datasheet
458Kb / 5P
ULTRA HIGH VOLTAGE OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK182 MSK-MSK182 Datasheet
480Kb / 8P
DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
MSK165 MSK-MSK165 Datasheet
388Kb / 5P
ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA1630D04 RENESAS-HA1630D04 Datasheet
467Kb / 24P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D04 RENESAS-HA1630D04_15 Datasheet
502Kb / 26P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01_15 Datasheet
481Kb / 28P
Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
logo
Texas Instruments
OPA2544 TI1-OPA2544 Datasheet
115Kb / 10P
High-Voltage, High-Current DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com