Electronic Components Datasheet Search
  English  ▼

X  

PE4379 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4379
Description  BNC Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4379 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4379 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4379 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4379 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG8X, PE-C240, .240 inch, B7808A, LMR-240 Inter-
face Type
• Clamp/Solder Attachment
Features
• Gold Plated Brass Contact
• 3 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4379 BNC male connector with clamp/solder attachment for RG8X, PE-C240, .240 inch, B7808A and LMR-
240 is part of our full line of RF components available for same-day shipping.
Our BNC male connector PE4379 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.09 in [27.69 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.035 lbs [15.88 g]
.
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
3 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
100 µin minimum
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Connector Clamp/Solder Attachment for RG8X, PE-C240, 0.240 inch, B7808A,
LMR-240 PE4379
PE4379 REV 1.2
BNC Male Connector Clamp/Solder Attachment for
RG8X, PE-C240, 0.240 inch, B7808A, LMR-240
RF Connectors Technical Data Sheet
PE4379


Similar Part No. - PE4379

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4379 PASTERNACK-PE4379 Datasheet
318Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG8X,PE-C240
More results

Similar Description - PE4379

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4377 PASTERNACK-PE4377 Datasheet
208Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG6
PE4023 PASTERNACK-PE4023_16 Datasheet
396Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4109 PASTERNACK-PE4109_17 Datasheet
323Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4206 PASTERNACK-PE4206 Datasheet
105Kb / 1P
BNC MALE SOLDER/CLAMP ATTACHMENT
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4377 PASTERNACK-PE4377_16 Datasheet
322Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4383 PASTERNACK-PE4383_16 Datasheet
321Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4386 PASTERNACK-PE4386_16 Datasheet
407Kb / 3P
BNC Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com