Electronic Components Datasheet Search
  English  ▼

X  

PCA9560PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9560PW
Description  Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9560PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9560PW Datasheet HTML 6Page - NXP Semiconductors PCA9560PW Datasheet HTML 7Page - NXP Semiconductors PCA9560PW Datasheet HTML 8Page - NXP Semiconductors PCA9560PW Datasheet HTML 9Page - NXP Semiconductors PCA9560PW Datasheet HTML 10Page - NXP Semiconductors PCA9560PW Datasheet HTML 11Page - NXP Semiconductors PCA9560PW Datasheet HTML 12Page - NXP Semiconductors PCA9560PW Datasheet HTML 13Page - NXP Semiconductors PCA9560PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Philips Semiconductors
Product data
PCA9560
Dual 5-bit multiplexed 1-bit latched
I2C EEPROM DIP switch
2003 Jun 27
10
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VDD
DC supply voltage
-0.5 to +4.6
V
VI
DC input voltage
Note 3
-1.5 to VDD +1.5
V
VOUT
DC output voltage
Note 3
-0.5 to VDD +0.5
V
Tstg
Storage temperature range
-60 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
DC supply voltage
—
3.0
3.6
V
VIL
LOW-level input voltage
SCL, SDA
IOL= 3 mA
-0.5
0.9
V
VIH
HIGH-level input voltage
SCL, SDA
IOL= 3 mA
2.7
4.0
V
IOL= 3 mA
—
0.4
VOL
LOW-level output voltage
SCL, SDA
IOL= 6 mA
—
0.6
V
VIL
LOW-level input voltage
MUX_IN,
MUX_SELECT_0,
MUX_SELECT_1
—
-0.5
0.8
V
VIH
HIGH-level input voltage
MUX_IN,
MUX_SELECT_0,
MUX_SELECT_1
—
2.0
4.0
V
IOL
LOW-level output current
MUX_OUT,
NON_MUXED_OUT
—
—
8
mA
IOH
HIGH-level output current
MUX_OUT,
NON_MUXED_OUT
—
—
100
µA
dt/dv
Input transition rise or fall time
dt/dv
—
0
10
ns/V
Tamb
Operating ambient temperature
Tamb
—
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com