Electronic Components Datasheet Search
  English  ▼

X  

PI5A101 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A101
Description  Precision Wide-Bandwidth Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A101 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A101 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A101 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS7079F
09/22/04
Pin Configurations
Features
• Rail-To-Rail operation
• Pin-compatible with 3125 Bus Switch & 74 series 125
• Single-Supply operation: 2V to 6V
• Low On-Resistance: 8Ω typical @ 5V
• Tight match between channels: 0.9Ω typical
• RON flatness: 3Ω typical
• Low power consumption: 0.5µ-ohm typical
• High Speed, TON = 8ns typical
• High-current channel capability: >100mA
• Wide bandwidth: >200 MHz
• Packaging (Pb-free & Green available):
-14-pin SOIC (W)
-16-pin QSOP (Q)
Applications
• Instrumentation, ATE
• Audio Switching and Routing
• Telecommunications Systems
• Data Communications
• Battery-Powered Systems
• Replaces Mechanical Relays
Description
Pericom Semiconducto's PI5A101 is an all-purpose analog switch
designed for single-supply operation from +2V to +6V. This switch
is ideal for audio, video, and data switching and routing.
The PI5A101 is a quad SPST (single-pole, single-throw)
NC (normally closed) function.
When on, each switch conducts current equally well in either
direction. When off, they block voltages up to the power-
supply rails.
The PI5A101 is fully specified with +5V and +3.3V supplies.
With +5V the RON is 8Ω typical, making it ideal for replacing
mechanical relays in data communications, test equipment, and
instrumentation applications. Matching between channels is
better than 2Ω. RON flatness is better than 4Ω over the specified
range.
These analog switches also offer wide bandwidth (>200 MHz high
speed (TON >15ns), and low charge injection (Q >10pC).
The PI5A101 is available in the narrow-body 14-pin small SOIC
and 16-pin QSOP packages for operation over the industrial
(–40°C to +85°C) temperature range.
Switches show for logic "0" input
NIC = Not Internally Connected
Precision Wide-Bandwidth Analog Switch
PI5A101
1
2
3
4
5
7
6
IN1
COM1
NC1
IN2
OM2
NC2
GND
12
13
14
11
10
9
8
VCC
COM
NC4
IN3
COM
NC3
IN4
16 VCC
COM
NC4
IN3
COM
NC3
IN4
9 NIC
12
13
14
11
10
15
1
2
3
4
5
7
6
8
SOIC
Top View
QSOP
IN1
COM1
NC1
IN2
OM2
NC2
GND
NIC
Truth Table
Logic
Switch
0
ON
1
OFF


Similar Part No. - PI5A101

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results

Similar Description - PI5A101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
Wide bandwidth analog switch IC
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
Single Wide Bandwidth Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
Precision Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com