Electronic Components Datasheet Search
  English  ▼

X  

ZMD22B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMD22B
Description  SMD Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMD22B Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMD22B Datasheet HTML 1Page - Diotec Semiconductor ZMD22B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMD10B ... ZMD100B
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 4)
Zener-Spanng. 4)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse volt.
Sperrspanng.
IR = 500 nA
Z-current 3)
Z-Strom 3)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZMD10B
9.79
10.21
5.2 (<15)
< 70
+2…+7
> 7
94
ZMD11B
10.79
11.21
6 (<20)
< 70
+3…+7
> 7
86
ZMD12B
11.79
12.21
7 (<20)
< 90
+4…+7
> 8
79
ZMD13B
12.68
13.32
9 (<25)
< 110
+5…+8
> 9
71
ZMD15B
14.68
15.32
11 (<30)
< 110
+5…+8
> 10
64
ZMD16B
15.68
16.32
13 (<40)
< 170
+5…+9
> 11
58
ZMD18B
17.58
18.42
18 (<50)
< 170
+6…+9
> 12
52
ZMD20B
19.58
20.42
20 (<50)
< 220
+7…+9
> 13
47
ZMD22B
21.58
22.42
25 (<55)
< 220
+7…+9
> 15
43
ZMD24B
23.48
24.52
28 (<80)
< 220
+7…+9.5
> 16
39
ZMD27B
26.48
27.52
30 (<80)
< 250
+8…+9.5
> 18
35
ZMD30B
29.38
30.62
35 (<80)
< 250
+8…+9.5
> 20
31
ZMD33B
32.2
33.8
40 (<80)
< 250
+8…+10
> 22
29
ZMD36B
35.2
36.8
40 (<90)
< 300
+8…+10
> 24
26
ZMD39B
38.1
39.9
50 (<90)
< 500
+8…+10
> 26
24
ZMD43B
42.0
44.0
60 (<100)
< 700
+8…+10
> 28
46
ZMD47B
46.0
48.0
70 (<100)
< 750
+8…+10
> 31
20
ZMD51B
49.9
52.1
70 (<100)
< 750
+8…+10
> 34
19
ZMD56B
54.8
57.2
70 (<100)
< 750
+9…+11
> 36
17
ZMD62B
60.7
63.3
80 (<110)
< 750
+9…+11
> 41
15
ZMD68B
66.5
69.5
90 (<140)
< 750
+9…+12
> 45
14
ZMD75B
73.4
76.6
95 (<150)
< 750
+9…+12
> 49
13
ZMD82B
80.3
83.7
100 (<170)
< 750
+9…+12
> 54
11
ZMD91B
89.1
92.9
130 (<200)
< 800
+10…+12
> 59
10
ZMD100B
97.9
102.1
200 (<300)
< 800
+10…+12
> 66
9
3,4,5
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
3,4,5 Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com