Electronic Components Datasheet Search
  English  ▼

X  

ZMD20 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMD20
Description  SMD Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMD20 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMD20 Datasheet HTML 1Page - Diotec Semiconductor ZMD20 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZMD1 ... ZMD100
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 4)
Zener-Spanng. 4)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse volt.
Sperrspanng.
IR = 500 nA
Z-current 3)
Z-Strom 3)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZMD1 5)
0.71
0.82
6.5 (<8)
–
–26…–23
–
500
ZMD3.9
3.7
4.1
80 (<95)
–
–9…–4
–
244
ZMD4.3
4.0
4.6
80 (<95)
–
–9…–3
–
217
ZMD4.7
4.4
5.0
70 (<78)
< 1400
–8…–3
–
200
ZMD5.1
4.8
5.4
30 (<60)
< 700
–8…–3
> 0.5 (1 µA)
185
ZMD5.6
5.2
6.0
10 (<40)
< 500
–7…–3
> 1 (1 µA)
167
ZMD6.2
5.8
6.6
4.8 (<11)
< 300
–6…–1
> 1.5 (1 µA)
152
ZMD6.8
6.4
7.2
4.5 (<10)
< 300
–5…+2
> 2 (1 µA)
139
ZMD7.5
7.0
7.9
4.0 (<8)
< 100
–3…+4
> 3.5
127
ZMD8.2
7.7
8.7
4.5 (<10)
< 50
–2…+6
> 5
115
ZMD9.1
8.5
9.6
4.8 (<11)
< 50
–1…+7
> 6
104
ZMD10
9.4
10.6
5.2 (<15)
< 70
+2…+7
> 7
94
ZMD11
10.4
11.6
6 (<20)
< 70
+3…+7
> 7
86
ZMD12
11.4
12.7
7 (<20)
< 90
+4…+7
> 8
79
ZMD13
12.4
14.1
9 (<25)
< 110
+5…+8
> 9
71
ZMD15
13.8
15.6
11 (<30)
< 110
+5…+8
> 10
64
ZMD16
15.3
17.1
13 (<40)
< 170
+5…+9
> 11
58
ZMD18
16.8
19.1
18 (<50)
< 170
+6…+9
> 12
52
ZMD20
18.8
21.2
20 (<50)
< 220
+7…+9
> 13
47
ZMD22
20.8
23.3
25 (<55)
< 220
+7…+9
> 15
43
ZMD24
22.8
25.6
28 (<80)
< 220
+7…+9.5
> 16
39
ZMD27
25.1
28.9
30 (<80)
< 250
+8…+9.5
> 18
35
ZMD30
28
32
35 (<80)
< 250
+8…+9.5
> 20
31
ZMD33
31
35
40 (<80)
< 250
+8…+10
> 22
29
ZMD36
34
38
40 (<90)
< 300
+8…+10
> 24
26
ZMD39
37
41
50 (<90)
< 500
+8…+10
> 26
24
ZMD43
40
46
60 (<100)
< 700
+8…+10
> 28
22
ZMD47
44
50
70 (<100)
< 750
+8…+10
> 31
20
ZMD51
48
54
70 (<100)
< 750
+8…+10
> 34
19
ZMD56
52
60
70 (<100)
< 750
+9…+11
> 36
17
ZMD62
58
66
80 (<110)
< 750
+9…+11
> 41
15
ZMD68
64
72
90 (<140)
< 750
+9…+12
> 45
14
ZMD75
70
79
95 (<150)
< 750
+9…+12
> 49
13
ZMD82
77
88
100 (<170)
< 750
+9…+12
> 54
11
ZMD91
85
96
130 (<200)
< 800
+10…+12
> 59
10
ZMD100
94
106
200 (<300)
< 800
+10…+12
> 66
9
3,4,5
Disclaimer: See data book page 2 or website – Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
3,4,5 Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com