Electronic Components Datasheet Search
  English  ▼

X  

TL4581P Datasheet(PDF) 1 Page - Texas Instruments

Part # TL4581P
Description  DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4581P Datasheet(HTML) 1 Page - Texas Instruments

  TL4581P Datasheet HTML 1Page - Texas Instruments TL4581P Datasheet HTML 2Page - Texas Instruments TL4581P Datasheet HTML 3Page - Texas Instruments TL4581P Datasheet HTML 4Page - Texas Instruments TL4581P Datasheet HTML 5Page - Texas Instruments TL4581P Datasheet HTML 6Page - Texas Instruments TL4581P Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TL4581
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
SLVS457A – JANUARY 2003 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Equivalent Input Noise Voltage
5 nV/
√Hz Typ at 1 kHz
D Unity-Gain Bandwidth . . . 10 MHz Typ
D High Slew Rate ...9 V/µs Typ
D Peak-to-Peak Output Voltage Swing
32 V Typ, With VCC± = ±18 V and RL = 600 Ω
D Wide Supply-Voltage Range . . . ±3 V to
±20 V
D Common-Mode Rejection
Ratio . . . 100 dB Typ
D High dc Voltage Gain . . . 100 V/mV Typ
D Applications: Audio PreAmps, Active
Filters, Headphone Amps
D End Equipment: DVD/CD/CDRW Players;
Set-Top Boxes
description/ordering information
The TL4581 is a dual operational amplifier that has been designed optimally for audio applications, such as
improving tone control. It offers low noise, high-gain bandwidth, good slew, and high output current drive for
driving capacitive loads. These features make the TL4581 ideally suited for audio applications, such as audio
preamps and active filters. When high output current is required, the TL4581 also can be used as a headphone
amplifier.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – P
Tube of 50
TL4581P
TL4581P
0
°Cto70°C
SOIC
D
Tube of 75
TL4581D
T4581
0
°C to 70°C
SOIC – D
Reel of 2500
TL4581DR
T4581
SOP – PS
Reel of 2000
TL4581PSR
T4581
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN+
VCC–
VCC+
2OUT
2IN–
2IN+
D, P, OR PS PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL4581P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4581P TI-TL4581P Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581P TI1-TL4581P Datasheet
670Kb / 9P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581P TI2-TL4581P Datasheet
371Kb / 11P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
REVISED MARCH 2003
TL4581PE4 TI-TL4581PE4 Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
TL4581PSR TI-TL4581PSR Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
More results

Similar Description - TL4581P

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Texas Instruments
TL4581 TI-TL4581_06 Datasheet
205Kb / 8P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
logo
Texas Instruments
TL4581 TI1-TL4581_15 Datasheet
670Kb / 9P
DUAL LOW-NOISE HIGH-DRIVE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com