Electronic Components Datasheet Search
  English  ▼

X  

LTM-8530P Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTM-8530P
Description  LED Display
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTM-8530P Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTM-8530P Datasheet HTML 1Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 2Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 3Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 4Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 5Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 6Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 7Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 8Page - Lite-On Technology Corporation LTM-8530P Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LITE-ON ELECTRONICS, INC.
Property of Lite-On Only
PART NO.: LTM-8530P
PAGE:
1 of 8
BNS-OD-C131/A4
FEATURES
*0.56 INCH (14.22 mm) DIGIT HEIGHT.
*WIDE SUPPLY VOLTAGE OPERATION.
*SERIAL DATA INPUT.
*CONSTANT CURRENT DRIVERS.
*CONTINUOUS BRIGHTNESS CONTROL.
*SOLID STATE RELIABILITY-LONG OPERATION LIFE.
*WIDE VIEWING ANGLE.
*TTL COMPATIBLE.
DESCRIPTION
The LTM-8530P is a 0.56 inch (14.22 mm) numeric display
modules, and a built-in M5450 MOS integrated circuits. The
integrated circuit contains serial data input, 35 bits shift register.
34 LED driver output and a brightness control. This device
utilizes bright red LED chips, which are made from GaP on a
transparent GaP substrate, and has a black face and red segments.
The MOS integrated circuits are produced with N-channel silicon
gate technology.
DEVICE
PART NO.
DESCRIPTION
BRIGHT RED
2 Digit
Rt. Hand Decimal
LTM-8530P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com