Electronic Components Datasheet Search
  English  ▼

X  

PE426462 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE426462
Description  SP6T RF Switch, 10 MHz?? GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426462 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE426462 Datasheet HTML 1Page - Peregrine Semiconductor PE426462 Datasheet HTML 2Page - Peregrine Semiconductor PE426462 Datasheet HTML 3Page - Peregrine Semiconductor PE426462 Datasheet HTML 4Page - Peregrine Semiconductor PE426462 Datasheet HTML 5Page - Peregrine Semiconductor PE426462 Datasheet HTML 6Page - Peregrine Semiconductor PE426462 Datasheet HTML 7Page - Peregrine Semiconductor PE426462 Datasheet HTML 8Page - Peregrine Semiconductor PE426462 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PE426462
SP6T RF Switch
Page 4
DOC-77391-3 – (03/2017)
www.psemi.com
Electrical Specifications
Table 3 provides the PE426462 key electrical specifications at +25 °C,VDD = 3.3V (ZS = ZL = 50Ω), unless
otherwise specified.
Table 3 • PE426462 Electrical Specifications
Parameter
Path
Condition
Min
Typ
Max
Unit
Operating frequency
10 MHz
8 GHz
As
shown
Insertion loss(1)
RFC–RF1/6
10–100 MHz
100 MHz–1 GHz
1–2 GHz
2–4 GHz
4–6 GHz
6–8 GHz
0.7
0.8
0.9
0.9
1.1
1.6
0.9
1.0
1.2
1.5
1.9
2.8
dB
dB
dB
dB
dB
dB
RFC–RF2/5
10–100 MHz
100 MHz–1 GHz
1–2 GHz
2–4 GHz
4–6 GHz
6–8 GHz
0.8
0.9
0.9
1.0
1.3
1.3
1.0
1.1
1.3
1.6
2.3
2.4
dB
dB
dB
dB
dB
dB
RFC–RF3/4
10–100 MHz
100 MHz–1 GHz
1–2 GHz
2–4 GHz
4–6 GHz
6–8 GHz
0.8
0.9
1.0
1.1
1.2
1.3
1.0
1.1
1.3
1.7
2.2
2.2
dB
dB
dB
dB
dB
dB
Isolation(1)
RFC–RF1/6
10–100 MHz
100 MHz–1 GHz
1–2 GHz
2–4 GHz
4–6 GHz
6–8 GHz
61
45
40
34
29
27
65
47
42
36
32
30
dB
dB
dB
dB
dB
dB
RFC–RF2/5
10–100 MHz
100 MHz–1 GHz
1–2 GHz
2–4 GHz
4–6 GHz
6–8 GHz
64
52
47
42
30
29
68
55
51
44
34
34
dB
dB
dB
dB
dB
dB
RFC–RF3/4
10–100 MHz
100 MHz–1 GHz
1–2 GHz
2–4 GHz
4–6 GHz
6–8 GHz
64
51
46
38
33
29
68
53
48
40
35
31
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com