Electronic Components Datasheet Search
  English  ▼

X  

TS317CZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS317CZ
Description  3-Terminal Adjustable Output Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS317CZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS317CZ Datasheet HTML 1Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 2Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 3Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 4Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 5Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 6Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 7Page - List of Unclassifed Manufacturers TS317CZ Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Rating
Input Voltage
Vin
40
V
Power Dissipation
Pd
Internal Limited
W
Operating Junction Temperature Range
TJ
-20 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Electrical Characteristics
(VI -VO = 5.0 V, Io=500mA for TO-220/TO-263 packages, Io=200mA for TO-252/SOT-223 package;
Tj =TLOW to THIGH see [Note 1]; Pmax per [Note 2]; unless otherwise specified.)
CHARACTERISTIC
FIGURE
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reference voltage (Note 4) Pd
≤ Pmax,
10mA
≤ Io ≤ Imax, 3.0 V ≤ Vi - Vo ≤ 40 V
3
Vref
1.20
1.25
1.30
V
Line regulation (Note 3)
Ta = 25
oC, 3.0 V ≤ Vi -Vo ≤ 40 V
1
REGline
--
0.01
0.07
%/V
Load regulation (Note 3)
Ta = 25
oC, 10mA ≤ I
O ≤ Imax, VO ≤ 5.0
VO ≥ 5.0
2
REGload
--
--
5.0
0.1
25
0.5
mV
%V
Thermal regulation
Ta = 25
oC, 20 ms Pulse
--
0.03
0.07
%Vo/W
Adjustment pin current
3
Iadj
--
50
100
uA
Adjustment pin current change, Pd
≤ Pmax,
10mA
≤ Io ≤ Imax, 2.5V ≤ VI - VO ≤ 40V
1.2
∆Iadj
--
0.2
5.0
uA
Maximum output current
Pd
≤ Pmax, (Vin-Vout) ≤15V
CZ, CM Package
CP, CW Package
Imax
1.5
0.5
A
Temperature stability (TLOW ≤ Tj ≤ THIGH)
3
TS
--
1
--
%
Minimum load current to maintain regulation
(VI - VO = 40 V)
3
Imin
--
3.5
10
mA
RMS Noise, % of VO,
Ta =25
oC, 10H
Z ≤ f ≤ 10KHZ
--
N
--
0.003
--
%
Long-term stability (Note 5), Tj = THIGH
Ta =25
oC for endpoint measurements ,1000hrs
3
S
--
0.3
1.0
%
Notes:
1. TLOW = -20
oC, T
HIGH = + 150
oC
2. Pmax: CZ package=20W, CM package=3W, CP package=1.5W, CW package=0.8W,
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty cycle is used.
4. Selected devices with tightened tolerance reference voltage available.
5. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering
estimate of average stability from lot to lot.
6. Cadj, when used, is connected between the adjustment pin and ground.
TS317
2-8
2003/12 rev. D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com