Electronic Components Datasheet Search
  English  ▼

X  

PE426482 Datasheet(PDF) 21 Page - Peregrine Semiconductor

Part # PE426482
Description  Harsh industrial applications up to 8 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426482 Datasheet(HTML) 21 Page - Peregrine Semiconductor

Back Button PE426482 Datasheet HTML 15Page - Peregrine Semiconductor PE426482 Datasheet HTML 16Page - Peregrine Semiconductor PE426482 Datasheet HTML 17Page - Peregrine Semiconductor PE426482 Datasheet HTML 18Page - Peregrine Semiconductor PE426482 Datasheet HTML 19Page - Peregrine Semiconductor PE426482 Datasheet HTML 20Page - Peregrine Semiconductor PE426482 Datasheet HTML 21Page - Peregrine Semiconductor PE426482 Datasheet HTML 22Page - Peregrine Semiconductor PE426482 Datasheet HTML 23Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DOC-77476-3 – (03/2017)
Page 21
www.psemi.com
PE426482
SP8T RF Switch
Packaging Information
This section provides packaging data including the moisture sensitivity level, package drawing, package
marking and tape-and-reel information.
Moisture Sensitivity Level
The moisture sensitivity level rating for the PE426482 in the 24-lead 4 × 4 × 0.85 mm QFN package is MSL1.
Package Drawing
Top-Marking Specification
Figure 23 • Package Mechanical Drawing for 24-lead 4 × 4 × 0.85 mm QFN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
A
0.10 C
(2X)
C
0.10 C
0.05 C
SEATING PLANE
B
0.10 C
(2X)
0.10
C A B
0.05
C
ALL FEATURES
Pin #1 Corner
4.00
4.00
0.203
Ref.
0.85±0.05
0.05
2.70±0.05
0.50
0.25±0.05
(x24)
2.50
Ref.
0.40±0.05
(x24)
2.70±0.05
Chamfer
0.30 x 45°
(x20)
4.40
4.40
0.50
0.60
(x24)
0.30
(x24)
2.75
2.75
1
6
7
12
13
18
19
24
(x20)
Figure 24 • Package Marking Specifications for PE426482
=
YY =
WW =
ZZZZZZ =
Pin 1 indicator
Last two digits of assembly year
Assembly work week
Assembly lot code (Maximum six characters)
426482
YYWW
ZZZZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com