Electronic Components Datasheet Search
  English  ▼

X  

PE426525 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE426525
Description  Wideband support up to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426525 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE426525 Datasheet HTML 1Page - Peregrine Semiconductor PE426525 Datasheet HTML 2Page - Peregrine Semiconductor PE426525 Datasheet HTML 3Page - Peregrine Semiconductor PE426525 Datasheet HTML 4Page - Peregrine Semiconductor PE426525 Datasheet HTML 5Page - Peregrine Semiconductor PE426525 Datasheet HTML 6Page - Peregrine Semiconductor PE426525 Datasheet HTML 7Page - Peregrine Semiconductor PE426525 Datasheet HTML 8Page - Peregrine Semiconductor PE426525 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PE426525
SPDT RF Switch
Page 4
DOC-77197-3 – (12/2016)
www.psemi.com
Control Logic
Table 4 provides the control logic truth table for the
PE426525. States 2 and 3 are used in normal
switching operations.
Return loss (RFC port)
RFC–RFX
100 MHz
100 MHz–26.5 GHz
26.5–45 GHz
45–50 GHz
50–60 GHz
21
20
18
16
14
dB
dB
dB
dB
dB
2nd harmonic, 2fo
RFC–RFX
+25 dBm output power, 1 GHz
+25 dBm output power, 2 GHz
+25 dBm output power, 6.5 GHz
+25 dBm output power, 13.4 GHz
73
77
89
92
dBc
dBc
dBc
dBc
Input 1dB compression
point(1)
Fig. 2
dBm
Input IP2
1 GHz
2 GHz
6.5 GHz
13.4 GHz
93
98
109
112
dBm
dBm
dBm
dBm
Input IP3
1 GHz
2 GHz
6 GHz
13.4 GHz
49
48
46
46
dBm
dBm
dBm
dBm
Video feed through(2)
DC measurement
30
mVPP
RF TRISE /TFALL
10%/90% RF
3
ns
Settling time
50% CTRL to 0.05 dB final value
48
60
ns
Switching time
50% CTRL to 90% or 10% RF
8
12
ns
Notes:
1) The input 1dB compression point is a linearity figure of merit. Refer to Table 2 for the RF input power (50
Ω).
2) Measured with a 3.5 ns rise time, –3.0/+3.0V pulse and 100 MHz bandwidth.
Table 3 • PE426525 Electrical Specifications (Cont.)
Parameter
Path
Condition
Min
Typ
Max
Unit
Table 4 • Truth Table for PE426525
V1
V2
RF1
RF2
State
–3.0V
–3.0V
OFF
OFF
1
–3.0V
+3.0V
OFF
ON
2
+3.0V
–3.0V
ON
OFF
3
+3.0V
+3.0V
ON
ON
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com