Electronic Components Datasheet Search
  English  ▼

X  

TS7805 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS7805
Description  3-Terminal Fixed Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS7805 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS7805 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS7805 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS7800 series
2-9
2003/12 rev. A
TS7805 Electrical Characteristics
(Vin=10V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
4.80
5
5.20
Output voltage
Vout
7.5V
≤Vin≤20V, 10mA≤Iout≤1A,
PD
≤15W
4.75
5
5.25
V
7.5V
≤Vin≤25V
--
3
100
Line Regulation
REGline
Tj=25
oC
8V
≤Vin≤12V
--
1
50
10mA
≤Iout≤1A
--
15
100
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
5
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.2
8
7.5V
≤Vin≤25V
--
--
1.3
Quiescent Current Change
∆Iq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
40
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 8V
≤Vin≤18V
62
78
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
17
--
m
Ω
Output Short Circuit Current
Ios
Tj=25
oC
--
750
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.6
--
mV/
oC
TS7806 Electrical Characteristics
(Vin=11V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
5.75
6
6.25
Output Voltage
Vout
8.5V
≤Vin≤21V, 10mA≤Iout≤1A,
PD
≤15W
6.3
6
6.3
V
8.5V
≤Vin≤25V
--
5
120
Line Regulation
REGline
Tj=25
oC
9V
≤Vin≤13V
--
1.5
60
10mA
≤Iout≤1A
--
14
120
Load Regulation
REGload
Tj=25
oC
250mA
≤Iout≤750mA
--
4
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4.3
8
8.5V
≤Vin≤25V
--
--
1.3
Quiescent Current Change
∆Iq
10mA
≤Iout≤1A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25oC
--
45
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 9V
≤Vin≤19V
59
75
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
19
--
m
Ω
Output Short Circuit Current
Ios
Tj=25
oC
--
550
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=10mA, 0
oC≤Tj≤125oC
--
-0.7
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com