Electronic Components Datasheet Search
  English  ▼

X  

TS7809 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS7809
Description  3-Terminal Fixed Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS7809 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS7809 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS7809 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS7800 series
1-9
2003/12 rev. A
TS7800 series
3-Terminal Fixed Positive Voltage Regulator
Pin assignment:
1.
Input
2.
Ground
3.
Output
(Heatsink surface
connected to Pin 2)
Voltage Range 5V to 24V
Output Current up to 1A
General Description
These voltage regulators are monolithic integrated circuits designed as fixed-voltage regulators for a wide variety of
applications including local, on-card regulation. These regulators employ internal current limiting, thermal shutdown, and
safe-area compensation. With adequate heatsink they can deliver output currents up to 1 ampere.
Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain
adjustable voltages and currents.
This series is offered in 3-pin TO-220, ITO-220 package.
Features
Output current up to 1A
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Note: Where xx denotes voltage option.
Part No.
Operating Temp.
(Ambient)
Package
TS78xxCZ
TO-220
TS78xxCI
-20 ~ +85
oC
ITO-220
Standard Application
A common ground is required between the input and the
output voltages. The input voltage must remain typically 2.0V
above the output voltage even during the low point on the
Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Absolute Maximum Rating
Input Voltage
Vin *
35
V
Input Voltage
Vin **
40
V
Power Dissipation
TO-220
TO-220
ITO-220
Without heatsink
Pt ***
Without heatsink
2
15
10
W
Operating Junction Temperature Range
TJ
0 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note :
* TS7805 to TS7818
** TS7824
*** Follow the derating curve
ITO-220


Similar Part No. - TS7809

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7809BCI TSC-TS7809BCI Datasheet
249Kb / 8P
3-Terminal Fixed Positive Voltage Regulator
TS7809BCZ TSC-TS7809BCZ Datasheet
249Kb / 8P
3-Terminal Fixed Positive Voltage Regulator
TS7809CI TSC-TS7809CI Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
TS7809CIC0 TSC-TS7809CIC0 Datasheet
262Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
More results

Similar Description - TS7809

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_07 Datasheet
524Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
TS7800A TSC-TS7800A_07 Datasheet
525Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com