Electronic Components Datasheet Search
  English  ▼

X  

UPD16347 Datasheet(PDF) 7 Page - NEC

Part # UPD16347
Description  192-BIT AC-PDP DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16347 Datasheet(HTML) 7 Page - NEC

Back Button UPD16347 Datasheet HTML 3Page - NEC UPD16347 Datasheet HTML 4Page - NEC UPD16347 Datasheet HTML 5Page - NEC UPD16347 Datasheet HTML 6Page - NEC UPD16347 Datasheet HTML 7Page - NEC UPD16347 Datasheet HTML 8Page - NEC UPD16347 Datasheet HTML 9Page - NEC UPD16347 Datasheet HTML 10Page - NEC UPD16347 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Data Sheet S16472EJ1V0DS
7
µµµµ PD16347
3. PIN FUNCTIONS
Symbol
Pin Name
I/O
Description
/LBLK
Low blanking
Input
/LBLK
= L: All output = L
/HBLK
High blanking
Input
/HBLK
= L: All output = H
/LE
Latch enable
Input
Latch operation performed at the falling edge.
HZ
Output high impedance
Input
HZ = H: All output set to the high-impedance state
/CLR
Register clear
Input
/CLR = L: All shift register data cleared to the low level
A1 to A3 (6)
Data
Input
The A1 to A3 (6) are Data input pins. The data shift direction is switched
inside the R,/L pin.
CLK
Clock
Input
SDS = H: Shift operation is executed at the rising and falling edges
SDS = L: Shift operation is executed at the rising edge
R,/L
Shift direction control
Input
The shift direction control pin of shift register. The shift directions of the
shift register are as follows.
R,/L = H (right shift):
SR1: A1
→ S1...S190 (SR2 to SR6 also shift in the same direction.)
R,/L = L (left shift):
SR1: A1
→ S190...S1 (SR2 to SR6 also shift in the same direction.)
Refer to 5. INTERNAL REGISTER.
IBS1,
IBS2
Input mode switch
Input
IBS1 = H, IBS2 = H: 6-bit (3-bit + 3-bit) input, Length of shift register: 32-bit
IBS1 = H, IBS2 = L: 6-bit input, Length of shift register: 32-bit
IBS1 = L, IBS2 = H: 3-bit input, Length of shift register: 64-bit
IBS1 = L, IBS2 = L: 4-bit input, Length of shift register: 48-bit
DET
Temperature detection
Output
The DET is N-ch open-drain output. Low level is output (N-ch transistor:
ON) via temperature detection.
SDS
Clock edge switch
Input
SDS = H: Shift operation is executed at the rising and falling edges of CLK
(double edge)
SDS = L: Shift operation is executed at the rising edge of CLK (single edge)
O1 to O192
High withstanding voltage
Output
70 V
VDD1
Logic power supply
−
5 V
± 5%
VDD2
Driver power supply
−
15 to 70 V
VDD3
Temperature detection
power supply
−
5 V
± 10%
VSS1
Logic ground
−
Connect to system ground
VSS2
Driver ground
−
Connect to system ground
VSS3
Temperature detection
ground
−
Connect to system ground
Caution In 3-bit and 4-bit input mode, unused input pins must be held at the low level or high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com