Electronic Components Datasheet Search
  English  ▼

X  

PE4391 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4391
Description  BNC Female Bulkhead Connector Clamp/Solder Attachment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4391 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4391 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4391 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
BNC Female
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
BNC Female
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
BNC Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .480 inch D Hole from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .480 inch D
Hole PE4391
URL: http://www.pasternack.com/bnc-female-standard-rg178-rg196-connector-pe4391-p.aspx
PE4391
PE4391 REV 1.1
BNC Female Bulkhead Connector Clamp/Solder
Attachment For RG178, RG196, .480 inch D Hole


Similar Part No. - PE4391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4391 PASTERNACK-PE4391 Datasheet
91Kb / 1P
BNC FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE4391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4033 PASTERNACK-PE4033 Datasheet
224Kb / 3P
SMA Female Bulkhead Connector Clamp/Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4057 PASTERNACK-PE4057_16 Datasheet
408Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4058 PASTERNACK-PE4058_17 Datasheet
415Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4204 PASTERNACK-PE4204_16 Datasheet
314Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4205 PASTERNACK-PE4205 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT
PE4212 PASTERNACK-PE4212_16 Datasheet
403Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com