Electronic Components Datasheet Search
  English  ▼

X  

PE4393 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4393
Description  BNC Male Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4393 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4393 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4393 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4393 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• 50 Ohms
• Right Angle Body Geometry
• RG174, RG316, RG188, 0.100 inch, PE-B100, PE-
C100, LMR-100 Interface Type
• Crimp/Solder Attachment
Features
• Silver Plated Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4393 BNC male right angle connector with crimp/solder attachment for RG174, RG316, RG188, 0.100 inch,
PE-B100, PE-C100 and LMR-100 is part of our full line of RF components available for same-day shipping. Its right angle body
geometry allows for easier connections in tight spaces.
Our BNC male right angle connector PE4393 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.79 in [45.47 mm]
Width/Dia.
0.57 in [14.48 mm]
Height
1.03 in [26.16 mm]
.
Weight
0.06 lbs [27.22 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188,
0.100 inch, PE-B100, PE-C100, LMR-100 PE4393
PE4393 REV 1.1
BNC Male Right Angle Connector Crimp/
Solder Attachment for RG174, RG316, RG188,
0.100 inch, PE-B100, PE-C100, LMR-100
RF Connectors Technical Data Sheet
PE4393


Similar Part No. - PE4393

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4393 PASTERNACK-PE4393 Datasheet
300Kb / 2P
BNC Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4393

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4608 PASTERNACK-PE4608_16 Datasheet
318Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PE4092 PASTERNACK-PE4092_16 Datasheet
386Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4102 PASTERNACK-PE4102_16 Datasheet
787Kb / 3P
BNC Male Right Angle Connector Solder Attachment
PE4195 PASTERNACK-PE4195_16 Datasheet
377Kb / 3P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4247 PASTERNACK-PE4247_17 Datasheet
370Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4298 PASTERNACK-PE4298_16 Datasheet
380Kb / 3P
BNC Male Right Angle Connector Crimp/Crimp Attachment
PE4345 PASTERNACK-PE4345 Datasheet
323Kb / 4P
BNC Male Right Angle Connector Crimp/Solder Attachment
PE4381 PASTERNACK-PE4381_16 Datasheet
353Kb / 3P
BNC Male Connector Crimp/Solder Attachment
PE4382 PASTERNACK-PE4382_16 Datasheet
357Kb / 3P
BNC Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com