Electronic Components Datasheet Search
  English  ▼

X  

PE4398 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4398
Description  SMA Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4398 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4398 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4398 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4398 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4398 SMA male connector with crimp/solder attachment for RG178 and RG196 is part of our full line of RF
components available for same-day shipping. Our SMA male connector operates up to a maximum frequency of 1,000 MHz
and offers good VSWR of 1.3:1.
Our SMA male connector PE4398 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
250
Vrms
.
Mechanical Specifications
Size
Length
1.047 in [26.59 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.017 lbs [7.71 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Crimp/Solder Attachment for RG178, RG196 PE4398
PE4398 REV 1.2
SMA Male Connector Crimp/Solder Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE4398


Similar Part No. - PE4398

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4398 PASTERNACK-PE4398 Datasheet
401Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG178, RG196
More results

Similar Description - PE4398

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4002 PASTERNACK-PE4002_16 Datasheet
381Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4008 PASTERNACK-PE4008_17 Datasheet
441Kb / 5P
SMA Male Connector Crimp/Solder Attachment
PE4215 PASTERNACK-PE4215_16 Datasheet
352Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4294 PASTERNACK-PE4294_16 Datasheet
317Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4296 PASTERNACK-PE4296_16 Datasheet
377Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4327 PASTERNACK-PE4327_16 Datasheet
319Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4401 PASTERNACK-PE4401_16 Datasheet
353Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4405 PASTERNACK-PE4405_17 Datasheet
424Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4408 PASTERNACK-PE4408_16 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com